Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 39Page - NXP Semiconductors LPC804 Datasheet HTML 40Page - NXP Semiconductors LPC804 Datasheet HTML 41Page - NXP Semiconductors LPC804 Datasheet HTML 42Page - NXP Semiconductors LPC804 Datasheet HTML 43Page - NXP Semiconductors LPC804 Datasheet HTML 44Page - NXP Semiconductors LPC804 Datasheet HTML 45Page - NXP Semiconductors LPC804 Datasheet HTML 46Page - NXP Semiconductors LPC804 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
43 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
[1]
Typical ratings are not guaranteed. The values listed are for room temperature (25
C), VDD = 3.3 V.
[2]
Characterized through bench measurements using typical samples.
[3]
IDD measurements were performed with all pins configured as GPIO outputs driven LOW and pull-up resistors disabled.
[4]
FRO enabled.
[5]
BOD disabled.
[6]
All peripherals disabled in the SYSAHBCLKCTRL register. Peripheral clocks disabled in system configuration block.
[7]
All oscillators and analog blocks turned off.
[8]
WAKEUP function pin pulled HIGH externally.
[9]
Tested in production, VDD = 3.6 V.
[10] LPOsc enabled, FRO disabled.
Table 12.
Static characteristics, supply pins
Tamb =
−40 °C to +105 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1][2]
Max[9]
Unit
IDD
supply current Active mode; code
while(1){}
executed from flash;
system clock = 1 MHz
VDD = 3.3 V
[3][5][6][10]
0.5
-
mA
system clock = 9 MHz
VDD = 3.3 V
[3][4][5][6]
0.8
-
mA
system clock = 12 MHz
VDD = 3.3 V
[3][4][5][6] -
1.0
-
mA
system clock = 15 MHz
VDD = 3.3 V
[3][4][5][6] -
1.3
-
mA
Sleep mode
system clock = 9 MHz
VDD = 3.3 V
[3][4][5][6]
0.4
system clock = 12 MHz
VDD = 3.3 V
[3][4][5][6] -
0.5
-
mA
system clock = 15 MHz
VDD = 3.3 V
[3][4]
[5][6]
-
0.6
-
mA
IDD
supply current Deep-sleep mode;
VDD = 3.3 V;
Tamb = 25 C
[3][7] -
100
175
A
Tamb = 105 C
-
-
240
A
IDD
supply current Power-down mode;
VDD = 3.3 V
Tamb = 25 C
[3][7] -
614
A
Tamb = 105 C-
-
75
A
IDD
supply current Deep power-down mode;
VDD = 3.3 V;
Tamb = 25 C
[8]
-
0.15
0.5
A
Tamb = 105 C-
-
7
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com