Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 62Page - NXP Semiconductors LPC804 Datasheet HTML 63Page - NXP Semiconductors LPC804 Datasheet HTML 64Page - NXP Semiconductors LPC804 Datasheet HTML 65Page - NXP Semiconductors LPC804 Datasheet HTML 66Page - NXP Semiconductors LPC804 Datasheet HTML 67Page - NXP Semiconductors LPC804 Datasheet HTML 68Page - NXP Semiconductors LPC804 Datasheet HTML 69Page - NXP Semiconductors LPC804 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
66 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
[1]
CL = 10 pF
[2]
Characterized on typical samples, not tested in production.
[3]
Input hysteresis is relative to the reference input channel and is software programmable.
[4]
100 mV overdrive corresponds to a square wave from 50 mV below the reference (VIC) to 50 mV above the reference.
[1]
Characterized on typical samples, not tested in production.
tPD
propagation delay
HIGH to LOW; VDD = 3.0 V; Tamb =
105
°C
VIC = 0.1 V; 100 mV overdrive input
[1][2][4] -
320
-ns
VIC = 0.1 V; rail-to-rail input
[1][2]
-
260
-
ns
VIC = 1.5 V; 100 mV overdrive input
[1][2][4] -
300
-
ns
VIC = 1.5 V; rail-to-rail input
[1][2]
-
160
-
ns
VIC = 2.9 V; 100 mV overdrive input
[1][2][4] -
400
-
ns
VIC = 2.9 V; rail-to-rail input
[1][2]
-80
-
ns
tPD
propagation delay
LOW to HIGH; VDD = 3.0 V; Tamb =
105
°C
VIC = 0.1 V; 100 mV overdrive input
[1][2][4] -
170
-ns
VIC = 0.1 V; rail-to-rail input
[1][2]
-80
-
ns
VIC = 1.5 V; 100 mV overdrive input
[1][2][4] -
120
-
ns
VIC = 1.5 V; rail-to-rail input
[1][2]
-
220
-
ns
VIC = 2.9 V; 100 mV overdrive input
[1][2][4] -
160
-
ns
VIC = 2.9 V; rail-to-rail input
[1][2]
-
320
-
ns
Vhys
hysteresis voltage
positive hysteresis; VDD = 3.0 V;
VIC = 1.5 V; Tamb = 105 °C; settings:
5 mV
[3]
-6
-
mV
10 mV
-
11
-
mV
20 mV
-
21
-
mV
Vhys
hysteresis voltage
negative hysteresis; VDD = 3.0 V;
VIC = 1.5 V; Tamb = 105 °C; settings:
5 mV
[1][3]
-
11
-mV
10 mV
-
18
-
mV
20 mV
-
30
-
mV
Rlad
ladder resistance
-
-
1
-
M
Table 27.
Comparator characteristics …continued
Tamb =
−40 °C to +105 °C unless noted otherwise; VDD = 1.71 V to 3.6 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 28.
Comparator voltage ladder dynamic characteristics
Tamb =
−40 °C to +105 °C; VDD = 1.8 V to 3.6 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ts(pu)
power-up settling
time
to 99% of voltage
ladder output value
[1]
-17
-
s
ts(sw)
switching settling
time
to 99% of voltage
ladder output value
[1]
-18
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com