Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 16Page - NXP Semiconductors LPC804 Datasheet HTML 17Page - NXP Semiconductors LPC804 Datasheet HTML 18Page - NXP Semiconductors LPC804 Datasheet HTML 19Page - NXP Semiconductors LPC804 Datasheet HTML 20Page - NXP Semiconductors LPC804 Datasheet HTML 21Page - NXP Semiconductors LPC804 Datasheet HTML 22Page - NXP Semiconductors LPC804 Datasheet HTML 23Page - NXP Semiconductors LPC804 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
20 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
9.9 Switch Matrix (SWM)
The switch matrix controls the function of each digital or mixed analog/digital pin in a
highly flexible way by allowing to connect many functions like the USART, SPI, CTimer,
Capacitive Touch, and I2C functions to any pin that is not power or ground. These
functions are called movable functions and are listed in Table 5.
Functions that need specialized pads can be enabled or disabled through the switch
matrix. These functions are called fixed-pin functions and cannot move to other pins. The
fixed-pin functions are listed in Section 7.2 “Pin description”. If a fixed-pin function is
disabled, any other movable function can be assigned to this pin.
9.10 Fast General-Purpose parallel I/O (GPIO)
Device pins that are not connected to a specific peripheral function are controlled by the
GPIO registers. Pins may be dynamically configured as inputs or outputs. Multiple outputs
can be set or cleared in one write operation.
LPC804 use accelerated GPIO functions:
• GPIO registers are on the Arm Cortex-M0+ IO bus for fastest possible single-cycle I/O
timing, allowing GPIO toggling with rates of up to 7 MHz.
• An entire port value can be written in one instruction.
• Mask, set, and clear operations are supported for the entire port.
All GPIO port pins are fixed-pin functions that are enabled or disabled on the pins by the
switch matrix. Therefore each GPIO port pin is assigned to one specific pin and cannot be
moved to another pin. Except for pins SWDIO/PIO0_2, SWCLK/PIO0_3, and
RESET/PIO0_5, the switch matrix enables the GPIO port pin function by default.
9.10.1 Features
• Bit level port registers allow a single instruction to set and clear any number of bits in
one write operation.
• Direction control of individual bits.
• All I/O default to GPIO inputs with internal pull-up resistors enabled after reset.
• Pull-up/pull-down configuration, repeater, and open-drain modes can be programmed
through the IOCON block for each GPIO pin (see Figure 10).
• Direction (input/output) can be set and cleared individually.
• Pin direction bits can be toggled.
9.11 Pin interrupt
The pin interrupt block configures up to eight pins from all digital pins for providing eight
external interrupts connected to the NVIC.
Any digital pin, independently of the function selected through the switch matrix, can be
configured through the SYSCON block as input to the pin interrupt. The registers that
control the pin interrupt are on the IO+ bus for fast single-cycle access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com