Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 23Page - NXP Semiconductors LPC804 Datasheet HTML 24Page - NXP Semiconductors LPC804 Datasheet HTML 25Page - NXP Semiconductors LPC804 Datasheet HTML 26Page - NXP Semiconductors LPC804 Datasheet HTML 27Page - NXP Semiconductors LPC804 Datasheet HTML 28Page - NXP Semiconductors LPC804 Datasheet HTML 29Page - NXP Semiconductors LPC804 Datasheet HTML 30Page - NXP Semiconductors LPC804 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
27 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
The ADC includes a hardware threshold compare function with zero-crossing detection.
Remark: For best performance, select VREFP and VREFN at the same voltage levels as
VDD and VSS. When selecting VREFP and VREFN different from VDD and VSS, ensure
that the voltage midpoints are the same:
(VREFP-VREFN)/2 + VREFN = VDD/2
9.22.1 Features
• 12-bit successive approximation analog to digital converter.
• 12-bit conversion rate of up to 480 KSamples/s.
• Two configurable conversion sequences with independent triggers.
• Optional automatic high/low threshold comparison and zero-crossing detection.
• Power-down mode and low-power operating mode.
• Measurement range VREFN to VREFP (not to exceed VDD voltage level).
• Burst conversion mode for single or multiple inputs.
9.23 Digital-to-Analog Converter (DAC)
The DAC supports a resolution of 10 bits. Conversions can be triggered by an external pin
input or an internal timer. The DAC includes an optional automatic hardware shut-off
feature, which forces the DAC output voltage to zero while a HIGH level on the external
DAC_SHUTOFF pin is detected.
9.23.1 Features
• 10-bit digital-to-analog converter.
• Internal timer or pin external trigger for staged, jitter-free DAC conversion sequencing.
• Automatic hardware shut-off triggered by an external pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com