Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 37Page - NXP Semiconductors LPC804 Datasheet HTML 38Page - NXP Semiconductors LPC804 Datasheet HTML 39Page - NXP Semiconductors LPC804 Datasheet HTML 40Page - NXP Semiconductors LPC804 Datasheet HTML 41Page - NXP Semiconductors LPC804 Datasheet HTML 42Page - NXP Semiconductors LPC804 Datasheet HTML 43Page - NXP Semiconductors LPC804 Datasheet HTML 44Page - NXP Semiconductors LPC804 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
41 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
11. Thermal characteristics
The average chip junction temperature, Tj (C), can be calculated using the following
equation:
(1)
• Tamb = ambient temperature (C),
• Rth(j-a) = the package junction-to-ambient thermal resistance (C/W)
• PD = sum of internal and I/O power dissipation
The internal power dissipation is the product of IDD and VDD. The I/O power dissipation of
the I/O pins is often small and many times can be negligible. However it can be significant
in some applications.
Table 10.
Thermal resistance
Symbol
Parameter
Conditions
Max/min
Unit
TSSOP20 package
Rth(j-a)
thermal resistance from
junction-to-ambient
JEDEC (4.5 in
 4 in); still air 108  15 %
C/W
single-layer (4.5 in
 3 in); still
air
151
 15 %
C/W
Rth(j-c)
thermal resistance from
junction-to-case
24
 15 %
C/W
TSSOP24 package
Rth(j-a)
thermal resistance from
junction-to-ambient
JEDEC (4.5 in
 4 in); still air 114  15 %
C/W
single-layer (4.5 in
 3 in); still
air
153
 15 %
C/W
Rth(j-c)
thermal resistance from
junction-to-case
31
 15 %
C/W
HVQFN33 package
Rth(j-a)
thermal resistance from
junction-to-ambient
JEDEC (4.5 in
 4 in); still air 42  15 %
C/W
single-layer (4.5 in
 3 in); still
air
114
 15 %
C/W
Rth(j-c)
thermal resistance from
junction-to-case
21
 15 %
C/W
WLCSP20 package
Rth(j-a)
thermal resistance from
junction-to-ambient
JEDEC (4.5 in
 4 in); still air 56.5  15 %
C/W
single-layer (4.5 in
 3 in); still
air
148
 15 %
C/W
Rth(j-c)
thermal resistance from
junction-to-case
0.7
 15 %
C/W
T j
T amb
PD Rth j a
–


+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com