Electronic Components Datasheet Search
  English  ▼

X  

MAX5083ATE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5083ATE
Description  1.5A, 40V, MAXPower Step-Down DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5083ATE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5083ATE Datasheet HTML 3Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 4Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 5Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 6Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 7Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 8Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 9Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 10Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Detailed Description
The MAX5082/MAX5083 are voltage-mode buck con-
verters with internal 0.3Ω power MOSFET switches. The
MAX5082 has a wide input voltage range of 4.5V to 40V.
The MAX5083’s input voltage range is 7.5V to 40V. The
internal low RDS_ON switch allows for up to 1.5A of output
current. The 250kHz fixed switching frequency, external
compensation, and voltage feed-forward simplify loop com-
pensation design and allow for a variety of L and C filter
components. Both devices offer an automatic switchover
to pulse-skipping (PFM) mode, providing low quiescent
current and high efficiency at light loads. Under no load, a
PFM mode operation reduces the current consumption to
only 1.4mA. In shutdown, the supply current falls to 200μA.
Additional features include an externally programmable
undervoltage lockout through the ON/OFF pin, a program-
mable soft-start, cycle-by-cycle current limit, hiccup mode
output short-circuit protection, and thermal shutdown.
PIN
NAME
FUNCTION
MAX5082 MAX5083
1
1
COMP
Error Amplifier Output. Connect COMP to the compensation feedback network.
2
2
FB
Feedback Regulation Point. Connect to the center tap of a resistive divider from converter
output to SGND to set the output voltage. The FB voltage regulates to the voltage present at
SS (1.23V).
3
3
ON/OFF
ON/OFF and External UVLO Control. The ON/OFF rising threshold is set to approximately
1.23V. Connect to the center tap of a resistive divider from IN to SGND to set the UVLO
(rising) threshold. Pull ON/OFF to SGND to shut down the device. ON/OFF can be used for
power-supply sequencing. Connect to IN for always-on operation.
4
4
SS
Soft-Start and Reference Output. Connect a capacitor from SS to SGND to set the soft-start
time. See the Applications Information section to calculate the value of the SS capacitor.
5
5
SYNC
Oscillator Synchronization Input. SYNC can be driven by an external 150kHz to 350kHz
clock to synchronize the MAX5082/MAX5083’s switching frequency. Connect SYNC to
SGND when not used.
6
6
DVREG
Gate Drive Supply for High-Side MOSFET Driver. Connect externally to REG for MAX5082.
Connect to REG and the anode of the boost diode for MAX5083.
7
—
C+
Charge-Pump Flying Capacitor Positive Connection
8
—
C-
Charge-Pump Flying Capacitor Negative Connection
—
7, 8
N.C.
No Connection. Not internally connected. Can be left floating or connected to SGND.
9
9
PGND
Power Ground Connection. Connect the input filter capacitor’s negative terminal, the
anode of the freewheeling diode, and the output filter capacitor’s return to PGND. Connect
externally to SGND at a single point near the input capacitor’s return terminal.
10
10
BST
High-Side Gate Driver Supply. Connect BST to the cathode of the boost diode and to the
positive terminal of the boost capacitor.
11, 12
11, 12
LX
Source Connection of Internal High-Side Switch. Connect the inductor and rectifier diode’s
anode to LX.
13, 14
13, 14
IN
Supply Input Connection. Connect to an external voltage source from 4.5V to 40V
(MAX5082) or a 7.5V to 40V (MAX5083).
15
15
REG
Internal Regulator Output. 5V output for the MAX5082 and 8V output for the MAX5083.
Bypass to SGND with at least a 1μF ceramic capacitor.
16
16
SGND
Signal Ground Connection. Solder the exposed pad to a large SGND plane. Connect SGND
and PGND together at one point near the input bypass capacitor return terminal.
EP
EP
—
Exposed Pad. Connect exposed pad to SGND.
MAX5082/MAX5083
1.5A, 40V, MAXPower Step-Down
DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 7
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com