Electronic Components Datasheet Search
  English  ▼

X  

MAX5083ATE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX5083ATE
Description  1.5A, 40V, MAXPower Step-Down DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5083ATE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX5083ATE Datasheet HTML 8Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 9Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 10Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 11Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 12Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 13Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 14Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 15Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
The allowable deviation of the output voltage during fast
load transients also determines the output capacitance,
its ESR, and its equivalent series inductance (ESL).
The output capacitor supplies the load current during
a load step until the controller responds with a greater
duty cycle. The response time (tRESPONSE) depends
on the closed-loop bandwidth of the converter (see the
Compensation Design section). The resistive drop across
the output capacitor’s ESR, the drop across the capaci-
tor’s ESL (ΔVESL), and the capacitor discharge causes
a voltage droop during the loadstep. Use a combination
of low-ESR tantalum/aluminum electrolyte and ceramic
capacitors for better transient load and voltage ripple
performance. Nonleaded capacitors and capacitors in
parallel help reduce the ESL. Keep the maximum output
voltage deviation below the tolerable limits of the elec-
tronics being powered. Use the following equations to
calculate the required ESR, ESL, and capacitance value
during a load step:
ESR
STEP
STEP
RESPONSE
OUT
Q
ESL
STEP
STEP
V
ESR
I
It
C
V
Vt
ESL
I
×
×
∆
=
=
∆
∆
=
where ISTEP is the load step, tSTEP is the rise time of the
load step, and tRESPONSE is the response time of the
controller.
Compensation Design
The MAX5082/MAX5083 use a voltage-mode control
scheme that regulates the output voltage by comparing
the error amplifier output (COMP) with an internal ramp
to produce the required duty cycle. The output lowpass
LC filter creates a double pole at the resonant frequency,
which has a gain drop of -40dB/decade. The error ampli-
fier must compensate for this gain drop and phase shift to
achieve a stable closed-loop system.
The basic regulator loop consists of a power modulator,
an output feedback divider, and a voltage-error amplifier.
The power modulator has a DC gain set by VIN/VRAMP,
with a double pole and a single zero set by the output
inductance (L), the output capacitance (COUT) (C5 in
the Typical Application Circuit) and its equivalent series
resistance (ESR). The power modulator incorporates a
voltage feed-forward feature, which automatically adjusts
for variations in the input voltage resulting in a DC gain of
10. The following equations define the power modulator:
IN
MOD(DC)
RAMP
LC
OUT
ZESR
OUT
V
G
10
V
1
f
2 LC
1
f
2
C
ESR
=
=
=
π×
=
π×
×
The switching frequency is internally set at 250kHz or can
vary from 150kHz to 350kHz when driven with an external
SYNC signal. The crossover frequency (fC), which is the
frequency when the closed-loop gain is equal to unity,
should be set at 15kHz or below therefore:
fC ≤ 15kHz
The error amplifier must provide a gain and phase bump
to compensate for the rapid gain and phase loss from the
LC double pole. This is accomplished by utilizing a type 3
compensator that introduces two zeroes and 3 poles into
the control loop. The error amplifier has a low-frequency
pole (fP1) near the origin.
The two zeros are at:
Z1
Z2
11
f
and f
2
R5 C7
2
(R6 R3) C6
=
=
π×
×
π×
+
×
and the higher frequency poles are at:
P2
P3
11
f
and f
2
R6 C6
C7 C8
2
R5
C7 C8
=
=
π×
×
×
π×
× 
+

Compensation When fC < fZESR
Figure 3 shows the error amplifier feedback as well as its
gain response for circuits that use low-ESR output capaci-
tors (ceramic). In this case fZESR occurs after fC.
fZ1 is set to 0.8 x fLC(MOD) and fZ2 is set to fLC to
compensate for the gain and phase loss due to the
double pole. Choose the inductor (L) and output capacitor
(COUT) as described in the Inductor and Output Capacitor
Selection section.
MAX5082/MAX5083
1.5A, 40V, MAXPower Step-Down
DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com