Electronic Components Datasheet Search
  English  ▼

X  

MAX5083ATE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5083ATE
Description  1.5A, 40V, MAXPower Step-Down DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5083ATE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5083ATE Datasheet HTML 5Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 6Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 7Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 8Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 9Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 10Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 11Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 12Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Soft-Start and Reference (SS)
SS is the 1.23V reference bypass connection for the
MAX5082/MAX5083 and also controls the soft-start peri-
od. At startup, after VIN is applied and the internal and
external UVLO thresholds are reached, the device enters
soft-start. During soft-start, 15μA is sourced into the
capacitor (CSS) connected from SS to SGND causing the
reference voltage to ramp up slowly. When VSS reaches
1.23V the output becomes fully active. Set the soft-start
time (tSS) using the following equation:
SS
SS
1.23V C
15µA
×
where tSS is in seconds and CSS is in Farads.
Internal Charge Pump (MAX5082)
The MAX5082 features an internal charge pump to
enhance the turn-on of the internal MOSFET, allowing
for operation with input voltages down to 4.5V. Connect
a flying capacitor (CF) between C+ and C-, a boost diode
from C+ to BST, as well as a bootstrap capacitor (CBST)
between BST and LX to provide the gate-drive voltage
for the high-side n-channel DMOS switch. During the on-
time, the flying capacitor is charged to VDVREG. During
the off-time, the positive terminal of the flying capacitor
(C+) is pumped to two times VDVREG and charge is
dumped onto CBST to provide twice the regulator voltage
across the high-side DMOS driver. Use a ceramic capaci-
tor of at least 0.1μF for CBST and CF located as close to
the device as possible.
For applications that do not require a 4.5V minimum input,
use the MAX5083. In this device, the charge pump is
Figure 2. MAX5083 Simplified Block Diagram
1.23V
1.23V
ON/OFF
LDO
EN
IN
REG
SS
FB
THERMAL
SHDN
REF
IN
0.3V
CLK
ILIM
1.23V
REGOK
EN
VREF
VREF
ISS
>1.23V ON
<1.11V OFF
COMP
SYNC
E/A
SSA
CPWM
RAMP
LOGIC
EN
OSC
BOOTSTRAP
CONTROL
PCLK
BST
IN
SGND
LX
DVREG
PGND
SCLK
HIGH-SIDE
CURRENT
SENSE
REF_PFM
PFM
REF_ILIM
ILIM
OVERL
CLK
ILIM
OVERLOAD
MANAGEMENT
MAX5083
MAX5082/MAX5083
1.5A, 40V, MAXPower Step-Down
DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com