Electronic Components Datasheet Search
  English  ▼

X  

MAX5083ATE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5083ATE
Description  1.5A, 40V, MAXPower Step-Down DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5083ATE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5083ATE Datasheet HTML 7Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 8Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 9Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 10Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 11Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 12Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 13Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 14Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
OUT
FB
R3
R4
V
1
V
−
=
where VFB = 1.23V.
Inductor Selection
Three key inductor parameters must be specified for oper-
ation with the MAX5082/MAX5083: inductance value (L),
peak inductor current (IPEAK), and inductor saturation cur-
rent (ISAT). The minimum required inductance is a function
of operating frequency, input-to-output voltage differential,
and the peak-to-peak inductor current (ΔIP-P). Higher
ΔIP-P allows for a lower inductor value while a lower ΔIP-P
requires a higher inductor value. A lower inductor value
minimizes size and cost and improves large-signal and
transient response, but reduces efficiency due to higher
peak currents and higher peak-to-peak output voltage
ripple for the same output capacitor. On the other hand,
higher inductance increases efficiency by reducing the
ripple current. Resistive losses due to extra wire turns can
exceed the benefit gained from lower ripple current levels
especially when the inductance is increased without also
allowing for larger inductor dimensions. A good compro-
mise is to choose ΔIP-P equal to 40% of the full load cur-
rent. Calculate the inductor using the following equation:
OUT IN
OUT
-
IN SW
P P
V
(V
V
)
L
Vf
I
−
=
×
×∆
VIN and VOUT are typical values so that efficiency is
optimum for typical conditions. The switching frequency
(fSW) is fixed at 250kHz or can vary between 150kHz
and 350kHz when synchronized to an external clock
(see the Oscillator/Synchronization Input (SYNC) sec-
tion). The peak-to-peak inductor current, which reflects
the peak-topeak output ripple, is worst at the maximum
input voltage. See the Output Capacitor Selection section
to verify that the worst-case output ripple is acceptable.
The inductor saturating current (ISAT) is also important
to avoid runaway current during continuous output short
circuit. Select an inductor with an ISAT specification higher
than the maximum peak current limit of 3.5A.
Input Capacitor Selection
The discontinuous input current of the buck converter
causes large input ripple currents and therefore the input
capacitor must be carefully chosen to keep the input
voltage ripple within design requirements. The input volt-
age ripple is comprised of ΔVQ (caused by the capacitor
discharge) and ΔVESR (caused by the ESR of the input
capacitor). The total voltage ripple is the sum of ΔVQ and
ΔVESR. Calculate the input capacitance and ESR required
for a specified ripple using the following equations:
ESR
-
PP
OUT_MAX
OUT_MAX
IN
Q SW
V
ESR
I
I
2
I
D(1 D)
C
Vf
−
∆
=
∆
+
×
=
∆×
where
IN
OUT
OUT
-
PP
IN SW
OUT
IN
(V
V
) V
I
and
Vf
L
V
D
V
−
×
∆=
××
=
IOUT_MAX is the maximum output current, D is the duty
cycle, and fSW is the switching frequency.
The MAX5082/MAX5083 includes internal and external
UVLO hysteresis and soft-start to avoid possible unin-
tentional chattering during turn-on. However, use a bulk
capacitor if the input source impedance is high. Use
enough input capacitance at lower input voltages to avoid
possible undershoot below the undervoltage lockout
threshold during transient loading.
Output Capacitor Selection
The allowable output voltage ripple and the maximum
deviation of the output voltage during load steps deter-
mine the output capacitance and its ESR. The output
ripple is mainly composed of ΔVQ (caused by the capaci-
tor discharge) and ΔVESR (caused by the voltage drop
across the equivalent series resistance of the output
capacitor). The equations for calculating the peak-to-peak
output voltage ripple are:
P-P
Q
OUT
SW
-
ESR
P P
I
V
16 C
f
V
ESR
I
∆
∆=
××
∆
=
×∆
Normally, a good approximation of the output voltage rip-
ple is ΔVRIPPLE ≈ ΔVESR + ΔVQ. If using ceramic capaci-
tors, assume the contribution to the output voltage ripple
from ESR and the capacitor discharge to be equal to 20%
and 80%, respectively. ΔIP-P is the peak-to-peak inductor
current (see the Input Capacitors Selection section) and
fSW is the converter’s switching frequency.
MAX5082/MAX5083
1.5A, 40V, MAXPower Step-Down
DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com