Electronic Components Datasheet Search
  English  ▼

X  

MAX5083ATE Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX5083ATE
Description  1.5A, 40V, MAXPower Step-Down DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5083ATE Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX5083ATE Datasheet HTML 10Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 11Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 12Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 13Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 14Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 15Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 16Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 17Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Since R3 >> R6, R3 + R6 can be approximated as R3. R3
is then calculated as:
LC
1
R3
2
f
C6
≈
π×
×
fP3 is set at 5xfC. Therefore, C8 is calculated as:
P3
C7
C8
(2
C7 R5 f
1)
−
=
π×
×
×
Power Dissipation
The MAX5082/MAX5083 is available in a thermally
enhanced package and can dissipate up to 2.7W at
TA = +70°C. When the die temperature reaches +160°C,
the part shuts down and is allowed to cool. After the part
cools by 20°C, the device restarts with a soft-start.
The power dissipated in the device is the sum of the
power dissipated from supply current (PQ), transition
losses due to switching the internal power MOSFET
(PSW), and the power dissipated due to the RMS current
through the internal power MOSFET (PMOSFET). The
total power dissipated in the package must be limited
such that the junction temperature does not exceed its
absolute maximum rating of +150°C at maximum ambient
temperature. Calculate the power lost in the MAX5082/
MAX5083 using the following equations:
The power loss through the switch:
2
MOSFET
RMS_MOSFET
ON
22
RMS_MOSFET
PK
PK DC
DC
PP
PK
OUT
PP
DC
OUT
PI
R
D
I
I
(I
I
) I
3
I
II
2
I
II
2
−
−
=
×

=
+×
+
×


∆
=
+
∆
=
−
RON is the on-resistance of the internal power MOSFET
(see the Electrical Characteristics).
The power loss due to switching the internal MOSFET:
IN
OUT
R
F
SW
SW
V
I
(t
t ) f
P
4
×
×
××
=
where tR and tF are the rise and fall times of the internal
power MOSFET measured at LX.
The power loss due to the switching supply current
(ISW):
PQ = VIN x ISW
The total power dissipated in the device will be:
PTOTAL = PMOSFET + PSW + PQ
Figure 4. Error Amplifier Compensation Circuit (Closed-Loop
and Error Amplifier Gain Plot) for Higher ESR Output Capacitors
GAIN
(dB)
VOUT
REF
R3
COMP
R6
R5
C6
R4
FREQUENCY
CLOSED-LOOP
GAIN
EA
GAIN
fZ1 fZ2
fC
fP2 fP3
C8
EA
C7
MAX5082/MAX5083
1.5A, 40V, MAXPower Step-Down
DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 14
Chip Information
TRANSISTOR COUNT: 4300
PROCESS: BiCMOS/DMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com