Electronic Components Datasheet Search
  English  ▼

X  

MAX5083ATE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5083ATE
Description  1.5A, 40V, MAXPower Step-Down DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5083ATE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5083ATE Datasheet HTML 6Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 7Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 8Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 9Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 10Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 11Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 12Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 13Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
omitted and the input voltage range is from 7.5V to 40V.
In this situation, the boost diode and the boost capacitor
are still required (see the MAX5083 Typical Operating
Circuit).
Gate Drive Supply (DVREG)
DVREG is the supply input for the internal high-side
MOSFET driver. The power for DVREG is derived from
the output of the internal regulator (REG). Connect
DVREG to REG externally. We recommend the use of an
RC (1Ω and 0.47μF) filter from REG to DVREG to filter
the noise generated by the switching of the charge pump.
In the MAX5082, the high-side drive supply is generated
using the internal charge pump along with the bootstrap
diode and capacitor. In the MAX5083, the high-side
MOSFET driver supply is generated using only the boot-
strap diode and capacitor.
Error Amplifier
The output of the internal error amplifier (COMP) is avail-
able for frequency compensation (see the Compensation
Design section). The inverting input is FB, the noninvert-
ing input SS, and the output COMP. The error amplifier
has an 80dB open-loop gain and a 1.8MHz GBW product.
See the Typical Operating Character-istics for the Gain
and Phase vs. Frequency graph.
Oscillator/Synchronization Input (SYNC)
With SYNC tied to SGND, the MAX5082/MAX5083 use
their internal oscillator and switch at a fixed frequency of
250kHz. For external synchronization, drive SYNC with
an external clock from 150kHz to 350kHz. When driven
with an external clock, the device synchronizes to the ris-
ing edge of SYNC.
PWM Comparator/Voltage Feed-Forward
An internal 250kHz ramp generator is compared against
the output of the error amplifier to generate the PWM
signal. The maximum amplitude of the ramp (VRAMP)
automatically adjusts to compensate for input voltage and
oscillator frequency changes. This causes the VIN/VRAMP
to be a constant 10V/V across the input voltage range of
4.5V to 40V (MAX5082) or 7.5V to 40V (MAX5083) and
the SYNC frequency range of 150kHz to 350kHz.
Output Short-Circuit Protection
(Hiccup Mode)
The MAX5082/MAX5083 protects against an output short
circuit by utilizing hiccup-mode protection. In hiccup mode,
a series of sequential cycle-by-cycle current-limit events
will cause the part to shut down and restart with a soft-start
sequence. This allows the device to operate with a continu-
ous output short circuit.
During normal operation, the current is monitored at the
drain of the internal power MOSFET. When the current
limit is exceeded, the internal power MOSFET turns off until
the next on-cycle and a counter increments. If the counter
counts four consecutive current-limit events, the device
discharges the soft-start capacitor and shuts down for 512
clock periods before restarting with a soft-start sequence.
Each time the power MOSFET turns on and the device
does not exceed the current limit, the counter is reset.
Thermal-Overload Protection
The MAX5082/MAX5083 feature an integrated ther-
maloverload protection. Thermal-overload protection lim-
its the total power dissipation in the device and protects
it in the event of an extended thermal fault condition.
When the die temperature exceeds +160°C, an internal
thermal sensor shuts down the part, turning off the power
MOSFET and allowing the IC to cool. After the tempera-
ture falls by 20°C, the part will restart with a soft-start
sequence.
Applications Information
Setting the Undervoltage Lockout
When the voltage at ON/OFF rises above 1.23V, the
MAX5082/MAX5083 turns on. Connect a resistive divider
from IN to ON/OFF to SGND to set the UVLO threshold
(see Figure 5). First select the ON/OFF to the SGND resis-
tor (R2) then calculate the resistor from IN to ON/OFF (R1)
using the following equation:
IN
ON/OFF
V
R1 R2
1
V
−
=
× 
where VIN is the input voltage at which the converter
turns on, VON/OFF = 1.23V and R2 is chosen to be less
than 600kΩ.
If the external UVLO divider is not used, connect ON/OFF
to IN directly. In this case, an internal undervoltage lock-
out feature monitors the supply voltage at IN and allows
operation to start when IN rises above 4.1V (MAX5082)
and 7.1V (MAX5083).
Setting the Output Voltage
Connect a resistive divider from OUT to FB to SGND
to set the output voltage (see Figure 5). First calculate
the resistor from OUT to FB using the guidelines in the
Compensation Design section. Once R3 is known, calcu-
late R4 using the following equation:
MAX5082/MAX5083
1.5A, 40V, MAXPower Step-Down
DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com