Electronic Components Datasheet Search
  English  ▼

X  

MAX5083ATE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX5083ATE
Description  1.5A, 40V, MAXPower Step-Down DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5083ATE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX5083ATE Datasheet HTML 10Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 11Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 12Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 13Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 14Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 15Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 16Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 17Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
VIN
7.5V TO 40V
ON/OFF
C1
R1
R2
C2
PGND
REG
LX
FB
IN
SYNC SGND PGND
SS
COMP
DVREG
VOUT
PGND
CBST
CSS
D1
D2
L1
C8
C5
R6
R5
BST
C7
C6
R3
R4
MAX5083
TOP VIEW
12
13
14
15
16
8
7
6
5
11
10
9
1
2
3
4
C-
C+
DVREG
SYNC
IN
SGND
IN
REG
TQFN
12
13
14
15
16
8
7
6
5
11
10
9
1
2
3
4
N.C.
N.C.
DVREG
SYNC
IN
SGND
IN
REG
TQFN
MAX5082
MAX5083
MAX5082/MAX5083
1.5A, 40V, MAXPower Step-Down
DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 16
Typical Operating Circuits (continued)
Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com