Electronic Components Datasheet Search
  English  ▼

X  

MAX5083ATE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5083ATE
Description  1.5A, 40V, MAXPower Step-Down DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5083ATE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5083ATE Datasheet HTML 1Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 2Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 3Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 4Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 5Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 6Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 7Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 8Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
(VIN = 12V, see Figure 5 (MAX5082) and Figure 6 (MAX5083), TA = +25°C, unless otherwise noted.)
OPEN-LOOP GAIN/PHASE vs. FREQUENCY
MAX5082 toc10
FREQUENCY (kHz)
1000
100
10
1
0.1
0.01
0.001
0
20
40
60
80
100
-20
75
100
125
150
175
50
0
10,000
GAIN
PHASE
OUTPUT CURRENT LIMIT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
35
30
20 25
10 15
5
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
2.0
0
40
MAX5082
TA = +135°C
TA = +25°C
TA = +85°C
TA = -40°C
OUTPUT IS
PULSED WITH 3% DUTY CYCLE
TURN-ON/OFF WAVEFORM
MAX5082/3 toc11a
VOUT
2V/div
2ms/div
ILOAD = 1A
VON/OFF
2V/div
TURN-ON/OFF WAVEFORM
MAX5082/3 toc11b
VON/OFF
2V/div
VOUT
2V/div
2µs/div
ILOAD = 100mA
OUTPUT VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
110
85
35
60
10
-15
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
3.20
-40
135
MAX5082
ILOAD = 0A
ILOAD = 1A
MAXIMUM DUTY CYCLE
vs. INPUT VOLTAGE (MAX5083)
INPUT VOLTAGE (V)
35
30
20 25
10 15
5
82
84
86
88
90
92
94
96
98
100
80
0
40
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (A)
0.1
0.01
20
30
40
50
60
70
80
90
100
0
0.001
10
1
VIN = 40V,
VOUT = 3.3V
MAX5082
VIN = 24V,
VOUT = 3.3V
VIN = 12V,
VOUT = 3.3V
VIN = 7.5V,
VOUT = 3.3V
VIN = 4.5V,
VOUT = 3.3V
MAX5082/MAX5083
1.5A, 40V, MAXPower Step-Down
DC-DC Converters
Maxim Integrated │ 5
www.maximintegrated.com
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com