Electronic Components Datasheet Search
  English  ▼

X  

MAX5083ATE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5083ATE
Description  1.5A, 40V, MAXPower Step-Down DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5083ATE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5083ATE Datasheet HTML 4Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 5Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 6Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 7Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 8Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 9Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 10Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 11Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Internal Linear Regulator (REG)
REG is the output terminal of a 5V (MAX5082), or 8V
(MAX5083) LDO which is powered from IN and provides
power to the IC. Connect REG externally to DVREG to
provide power for the high-side MOSFET gate driver.
Bypass REG to SGND with a ceramic capacitor of at least
1μF. Place the capacitor physically close to the MAX5082/
MAX5083 to provide good bypassing. During normal
operation, REG is intended for powering up only the inter-
nal circuitry and should not be used to supply power to
external loads.
Internal UVLO/External UVLO
The MAX5082/MAX5083 provides two undervoltage lock-
outs (UVLOs). An internal UVLO looks at the input voltage
(VIN) and is fixed at 4.1V (MAX5082) or 7.1V (MAX5083).
An external UVLO is sensed and programmed at the ON/
OFF pin. The external UVLO overrides the internal UVLO
when the external UVLO is higher than the internal UVLO.
During startup, before any operation begins, the input volt-
age and the voltage at ON/OFF must exceed their respec-
tive UVLOs. The external UVLO has a rising threshold
of 1.23V with 0.12V of hysteresis. Program the external
UVLO by connecting a resistive divider from IN to ON/OFF
to SGND. Connect ON/OFF to IN directly to disable the
external UVLO.
Driving ON/OFF to ground places the MAX5082/MAX5083
in shutdown. When in shutdown, the internal power
MOSFET turns off, all internal circuitry shuts down and
the quiescent supply current reduces to 200μA. Connect
an RC network from ON/OFF to SGND to set a turn-on
delay that can be used to sequence the output voltages of
multiple devices.
Figure 1. MAX5082 Simplified Block Diagram
1.23V
1.23V
ON/OFF
DVREG
PCLK
LDO
EN
IN
REG
SS
FB
THERMAL
SHDN
REF
IN
0.3V
CLK
1.23V
REGOK
EN
VREF
VREF
ISS
>1.23V ON
<1.11V OFF
COMP
SYNC
E/A
SSA
CPWM
RAMP
LOGIC
EN
OSC
CHARGE-PUMP
MANAGEMENT
PCLK
BST
IN
SGND
LX
PGND
SCLK
HIGH-SIDE
CURRENT
SENSE
REF_PFM
PFM
REF_ILIM
ILIM
OVERL
CLK
ILIM
OVERLOAD
MANAGEMENT
DVREG
C+
DVREG
C-
LEVEL
SHIFT
MAX5082
MAX5082/MAX5083
1.5A, 40V, MAXPower Step-Down
DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com