Electronic Components Datasheet Search
  English  ▼

X  

MAX5083ATE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5083ATE
Description  1.5A, 40V, MAXPower Step-Down DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5083ATE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5083ATE Datasheet HTML 1Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 2Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 3Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 4Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 5Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 6Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 7Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 8Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX5082/MAX5083 are 250kHz PWM step-down
DC-DC converters with an on-chip, 0.3Ω high-side
switch. The input voltage range is 4.5V to 40V for the
MAX5082 and 7.5V to 40V for the MAX5083. The output
is adjustable from 1.23V to 32V and can deliver up to
1.5A of load current.
Both devices utilize a voltage-mode control scheme for
good noise immunity in the high-voltage switching envi-
ronment and offer external compensation allowing for
maximum flexibility with a wide selection of inductor values
and capacitor types. The switching frequency is internally
fixed at 250kHz and can be synchronized to an external
clock signal through the SYNC input. Light load efficiency is
improved by automatically switching to a pulse-skip mode.
All devices include programmable undervoltage lockout and
soft-start. Protection features include cycle-bycycle current
limit, hiccup-mode output short-circuit protection, and ther-
mal shutdown. Both devices are available in a space-saving,
high-power (2.7W), 16-pin TQFN package and are rated for
operation over the -40°C to +125°C temperature range.
Applications
● FireWire® Power Supplies
● Industrial
● Distributed Power
Features
● 4.5V to 40V (MAX5082) or 7.5V to 40V (MAX5083)
Input Voltage Range
● 1.5A Output Current
● VOUT Range From 1.23V to 32V
● Internal High-Side Switch
● Fixed 250kHz Internal Oscillator
● Automatic Switchover to Pulse-Skip Mode at Light
Loads
● External Frequency Synchronization
● Thermal Shutdown and Short-Circuit Protection
● Operates Over the -40°C to +125°C Temperature
Range
● Space-Saving (5mm x 5mm) High-Power 16-Pin
TQFN Package
19-3657; Rev 1; 5/14
Pin Configurations appears at end of data sheet.
*EP = Exposed pad.
FireWire is a registered trademark of Apple Computer, Inc.
Typical Operating Circuits continued at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX5082ATE
-40°C to +125°C
16 TQFN-EP*
MAX5083ATE
-40°C to +125°C
16 TQFN-EP*
VIN
4.5V TO 40V
ON/OFF
C1
R1
R2
C2
PGND
REG
LX
FB
IN
SYNC SGND PGND
SS
COMP
DVREG
C-
CF
VOUT
PGND
CBST
CSS
D1
D2
L1
C8
C5
R6
R5
C+
BST
C7
C6
R3
R4
MAX5082
MAX5082/MAX5083
1.5A, 40V, MAXPower Step-Down
DC-DC Converters
Typical Application Circuits
Ordering Information
EVALUATION KIT AVAILABLE


Similar Part No. - MAX5083ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5083ATE MAXIM-MAX5083ATE Datasheet
404Kb / 18P
1.5A, 40V, MAXPower Step-Down DC-DC Converters
Rev 0; 5/05
More results

Similar Description - MAX5083ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5080 MAXIM-MAX5080 Datasheet
962Kb / 19P
1A, 40V, MAXPower Step-Down DC-DC Converters
Rev 1; 2/07
MAX5082 MAXIM-MAX5082 Datasheet
404Kb / 18P
1.5A, 40V, MAXPower Step-Down DC-DC Converters
Rev 0; 5/05
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
logo
Torex Semiconductor
XC9260 TOREX-XC9260 Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX5090CATE-T MAXIM-MAX5090CATE-T Datasheet
664Kb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
logo
Torex Semiconductor
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX5080 MAXIM-MAX5080_V01 Datasheet
1Mb / 19P
1A, 40V, MAXPower Step-Down DC-DC Converters
2018
MAX5090A MAXIM-MAX5090A_V01 Datasheet
2Mb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com