Electronic Components Datasheet Search
  English  ▼

X  

ADPD6000 Datasheet(PDF) 31 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 27Page - Analog Devices ADPD6000 Datasheet HTML 28Page - Analog Devices ADPD6000 Datasheet HTML 29Page - Analog Devices ADPD6000 Datasheet HTML 30Page - Analog Devices ADPD6000 Datasheet HTML 31Page - Analog Devices ADPD6000 Datasheet HTML 32Page - Analog Devices ADPD6000 Datasheet HTML 33Page - Analog Devices ADPD6000 Datasheet HTML 34Page - Analog Devices ADPD6000 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 89 page
background image
Data Sheet
ADPD6000
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 31 of 89
Lead Off
DCLO detection uses the ECG_STATUS register to identify the lead
connection status. Figure 46 shows an example of DCLO detection.
In the case, R1, R2, and R3 are the contact impedances at ECGIP,
ECGIN, and RLD, respectively.
Figure 46. DCLO Detection Example
When using source current at ECGIP and ECGIN, the dc excitation
current setting (ECG_DCLO_MAG) follows Equation 10:
If R1= R2 = R3 = 3R,
DCLO Current Magnitude>Higℎ
 Tℎresℎold Voltage/3R
(10)
Generally, the DCLO current magnitude setting is rounded up to
nearest register value.
Table 17 is the ECG DCLO status truth table.
ACLO threshold selection depends on the particular cable, elec-
trode, or protection scheme because these parameters are typically
unique for the specific use case. Identifying the appropriate thresh-
old can start with a high threshold and ratchet it down until a lead
off is detected, then increase the threshold by some safety margin.
Table 18 shows the low threshold of electrode difference capaci-
tance for ACLO detection.
Table 17. ECG DCLO Status Truth Table
Status
ECGIN_DCLO_HI_STATUS
ECGIP_DCLO_HI_STATUS
ECG_DCLO_STATUS
All Leads Failed
1
1
1
No Lead Failed
0
0
0
RLD Failed
1
1
1
ECGIN Right Arm (RA) Failed
0
1
1
ECGIP Left Arm (LA) Failed
1
0
1
Table 18. Low Threshold of Electrode Difference Capacitance for ACLO Detection
ECG_ACLO_THRESHOLD
ECG_ACLO_MAG
0x1
0x2
0x3
0x4
0x5
0x6
0x7
0x0
0.04 nF
0.08 nF
0.13 nF
0.17 nF
0.21 nF
0.25 nF
0.29 nF
0x1
0.05 nF
0.1 nF
0.14 nF
0.19 nF
0.24 nF
0.29 nF
0.33 nF
0x2
0.06 nF
0.11 nF
0.17 nF
0.22 nF
0.28 nF
0.33 nF
0.39 nF
0x3
0.07 nF
0.13 nF
0.2 nF
0.27 nF
0.33 nF
0.4 nF
0.47 nF
0x4
0.08 nF
0.17 nF
0.25 nF
0.33 nF
0.42 nF
0.5 nF
0.58 nF
0x5
0.11 nF
0.22 nF
0.33 nF
0.44 nF
0.56 nF
0.67 nF
0.78 nF
0x6
0.17 nF
0.33 nF
0.5 nF
0.67 nF
0.83 nF
1 nF
1.17 nF
0x7
0.33 nF
0.67 nF
1 nF
1.33 nF
1.67 nF
2 nF
2.33 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com