Electronic Components Datasheet Search
  English  ▼

X  

ADPD6000 Datasheet(PDF) 51 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 47Page - Analog Devices ADPD6000 Datasheet HTML 48Page - Analog Devices ADPD6000 Datasheet HTML 49Page - Analog Devices ADPD6000 Datasheet HTML 50Page - Analog Devices ADPD6000 Datasheet HTML 51Page - Analog Devices ADPD6000 Datasheet HTML 52Page - Analog Devices ADPD6000 Datasheet HTML 53Page - Analog Devices ADPD6000 Datasheet HTML 54Page - Analog Devices ADPD6000 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 89 page
background image
Data Sheet
ADPD6000
REGISTER SUMMARY
analog.com
Rev. 0 | 51 of 89
Table 20. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x0223
CATHODE_I
[15:8]
RESERVE
D
PRECON_I
VC2_PULSE_I
VC2_ALT_I
0x0000 R/W
[7:0]
VC2_SEL_I
VC1_PULSE_I
VC1_ALT_I
VC1_SEL_I
0x0224
AFE_TRIM1_I
[15:8]
TIA_CEIL_
DETECT_E
N_I
CH2_TRIM_INT_I
CH1_TRIM_INT_I
VREF_PUL
SE_I
AFE_TRIM_VREF_I
0x02C9 R/W
[7:0]
VREF_PULSE_VAL_I
TIA_GAIN_CH2_I
TIA_GAIN_CH1_I
0x0225
AFE_TRIM2_I
[15:8]
RESERVED
CH2_TRIM
_INT_CAP_
I
CH1_TRIM
_INT_CAP_
I
RESERVED
0x0000 R/W
[7:0]
RESERVED
0x0226
AFE_DAC1_I
[15:8]
DAC_AMBIENT_CH1_I[8:1]
0x0000 R/W
[7:0]
DAC_AMBI
ENT_CH1_
I[0]
DAC_LED_DC_CH1_I
0x0227
AFE_DAC2_I
[15:8]
DAC_AMBIENT_CH2_I[8:1]
0x0000 R/W
[7:0]
DAC_AMBI
ENT_CH2_
I[0]
DAC_LED_DC_CH2_I
0x0228
LED_POW12_I [15:8]
LED_DRIV
ESIDE2_I
LED_CURRENT2_I
0x0000 R/W
[7:0]
LED_DRIV
ESIDE1_I
LED_CURRENT1_I
0x0229
LED_MODE_I
[15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVED
LED_MOD
E2_I
LED_MOD
E1_I
0x022A
COUNTS_I
[15:8]
NUM_INT_I
0x0101 R/W
[7:0]
NUM_REPEAT_I
0x022B
PERIOD_I
[15:8]
RESERVE
D
RESERVE
D
MOD_TYPE_I
RESERVED
MIN_PERIOD_I[9:8]
0x0000 R/W
[7:0]
MIN_PERIOD_I[7:0]
0x022C
LED_PULSE1
_I
[15:8]
LED_WIDTH_I
0x0210 R/W
[7:0]
LED_OFFSET_I
0x022D
LED_PULSE2
_I
[15:8]
RESERVED
0x0013 R/W
[7:0]
LED_SECOND_OFFSET_I
0x022E
INTEG_WIDTH
_I
[15:8]
SINGLE_IN
TEG_I
RESERVED
CH2_AMP_DISABLE_I
RESERVED
CH1_AMP_
DISABLE_I[
1]
0x0003 R/W
[7:0]
CH1_AMP_
DISABLE_I[
0]
ADC_COUNT_I
INTEG_WIDTH_I
0x022F
INTEG_OFFS
ET_I
[15:8]
RESERVED
INTEG_OFFSET_I[7:3]
0x01A0 R/W
[7:0]
INTEG_OFFSET_I[2:0]
INTEG_FINE_OFFSET_I
0x0230
MOD_PULSE_
I
[15:8]
MOD_WIDTH_I
0x0001 R/W
[7:0]
MOD_OFFSET_I
0x0231
PATTERN1_I
[15:8]
LED_DISABLE_I
MOD_DISABLE_I
0x0000 R/W
[7:0]
SUBTRACT_I
REVERSE_INTEG_I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com