Electronic Components Datasheet Search
  English  ▼

X  

ADPD6000 Datasheet(PDF) 75 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 71Page - Analog Devices ADPD6000 Datasheet HTML 72Page - Analog Devices ADPD6000 Datasheet HTML 73Page - Analog Devices ADPD6000 Datasheet HTML 74Page - Analog Devices ADPD6000 Datasheet HTML 75Page - Analog Devices ADPD6000 Datasheet HTML 76Page - Analog Devices ADPD6000 Datasheet HTML 77Page - Analog Devices ADPD6000 Datasheet HTML 78Page - Analog Devices ADPD6000 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 75 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
0x0180 TS_CTRL_D
1: Channel 2 enabled.
0x01A0 TS_CTRL_E
[13:11]
SAMPLE_TYPE_x
Time slot sampling type.
0x0
R/W
0x01C0 TS_CTRL_F
000: normal sampling mode.
0x01E0 TS_CTRL_G
001: two phase normal sampling mode.
0x0200 TS_CTRL_H
010: on-region digital integrate mode.
0x0220 TS_CTRL_I
011: two-region digital integrate mode.
0x0240 TS_CTRL_J
100: reserved
0x0260 TS_CTRL_K
101: reserved.
0x0280 TS_CTRL_L
110: reserved.
111: reserved.
10
RESERVED
Reserved
0x0
R/W
[9:0]
TIMESLOT_OFFSET_x
Time Slot X offset in 64 × 960 kHz or 64 × (external 960 kHz)
cycles.
0x0
R/W
0x0121 TS_PATH_A
[15:12]
PRE_WIDTH_x
Precondition duration for this time slot. This value is in 2 μs
increments. A value of 0 skips the precondition state.
0x4
R/W
0x0141 TS_PATH_B
[11:10]
AMBIENT_CANCELLATION_x
Select the control type for the ambient cancellation DAC.
0x0
R/W
0x0161 TS_PATH_C
00: disable the ambient cancellation loop.
0x0181 TS_PATH_D
01: enable coarse and fine loop.
0x01A1 TS_PATH_E
10: enable coarse loop only.
0x01C1 TS_PATH_F
11: enable MCU control.
0x01E1 TS_PATH_G
9
TS_GPIO_x
Timeslot specific GPIO value for this time slot.
0x0
R/W
0x0201 TS_PATH_H
8
AFE_INT_C_BUF_x
Convert integrator to buffer.
0x0
R/W
0x0221 TS_PATH_I
7
RESERVED
Reserved.
0x0
R
0x0241 TS_PATH_J
[6:0]
AFE_PATH_CFG_x
Bypass and input mux select. Integrator is either an integrator or
buffer based on mode and AFE_INT_C_BUF for the active time
slot.
0x20
R/W
0x0261 TS_PATH_K
0x20: TIA, integrator/buffer, and ADC (2× TIA configuration).
0x0281 TS_PATH_L
0x28: TIA, buffer, and ADC (1× TIA configuration).
0x31: TIA, integrator, and ADC (1× TIA configuration).
0x35: integrator and ADC.
0x41: ADC.
0x0122 INPUTS_A
[15:8]
RESERVED
Reserved.
0x0
R
0x0142 INPUTS_B
[7:4]
INP34_x
IN3 and IN4 input pair enable.
0x0
R/W
0x0162 INPUTS_C
0000: input pair disabled. IN3 and IN4 disconnected.
0x0182 INPUTS_D
0001: IN3 connected to Channel 1. IN4 disconnected.
0x01A2 INPUTS_E
0010: IN3 connected to Channel 2. IN4 disconnected.
0x01C2 INPUTS_F
0011: IN4 connected to Channel 1. IN3 disconnected.
0x01E2 INPUTS_G
0100: IN4 connected to Channel 2. IN3 disconnected.
0x0202 INPUTS_H
0101: IN3 connected to Channel 1. IN4 connected to Channel 2.
0x0222 INPUTS_I
0110: IN4 connected to Channel 1. IN3 connected to Channel 2.
0x0242 INPUTS_J
0111: IN3 and IN4 connected to Channel 1. Single-ended or
differential, based on PAIR34. None to channel 2.
0x0262 INPUTS_K
1000: IN3 and IN4 connected to Channel 2. Single-ended or
differential, based on PAIR34.
0x0282 INPUTS_L
[3:0]
INP12_x
IN1 and IN2 input pair enable.
0x0
R/W
0000: input pair disabled. IN1 and IN2 disconnected.
0001: IN1 connected to Channel 1. IN2 disconnected.
0010: IN1 connected to Channel 2. IN2 disconnected.
0011: IN2 connected to Channel 1. IN1 disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com