Electronic Components Datasheet Search
  English  ▼

X  

ADPD6000 Datasheet(PDF) 66 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 62Page - Analog Devices ADPD6000 Datasheet HTML 63Page - Analog Devices ADPD6000 Datasheet HTML 64Page - Analog Devices ADPD6000 Datasheet HTML 65Page - Analog Devices ADPD6000 Datasheet HTML 66Page - Analog Devices ADPD6000 Datasheet HTML 67Page - Analog Devices ADPD6000 Datasheet HTML 68Page - Analog Devices ADPD6000 Datasheet HTML 69Page - Analog Devices ADPD6000 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 66 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
0x000A OSC32M_CAL
15
OSC_32M_CAL_START
Start high frequency oscillator calibration cycle. Writing a 1 to
this bit causes the high frequency oscillator calibration cycle
to occur. 32 MHz oscillator cycles are counted during 128 low
frequency oscillator cycles if using the 1 MHz low frequency
oscillator, or 4 low frequency oscillator cycles if using the
32 kHz low frequency oscillator. The OSC_32M_CAL_COUNT
bits are updated with the count. The calibration circuit clears
the OSC_32M_CAL_START bit when the calibration cycle is
completed. Silicon Version 0 counts 32 low frequency oscillator
cycles if using the 32 kHz low frequency oscillator.
0x0
R/W
[14:0]
OSC_32M_CAL_COUNT
High frequency oscillator calibration count. These bits contain
the total number of 32 MHz cycles that occurred during the last
high frequency oscillator calibration cycle.
0x0
R
0x000B OSC960K
15
CAPTURE_TIMESTAMP
Enable time stamp capture. This bit field is used to activate the
time stamp capture function. When set, the next rising edge on
the time stamp input (defaults to GPIO0) causes a time stamp
capture. This bit is cleared when the time stamp occurs.
0x0
R/W
[14:11]
RESERVED
Reserved.
0x0
R
10
OSC_CAL_ENABLE
Enable clock calibration clocking. Writing a 1 to this bit enables
the clocking of the low frequency and high frequency calibration
circuits.
0x0
R/W
[9:0]
OSC_960K_FREQ_ADJ
Low frequency oscillator frequency control. 0x000 is the lowest
frequency, and 0x3FF is maximum frequency.
0x2B2 R/W
0x000D TS_FREQ
[15:0]
TIMESLOT_PERIOD_L
Lower 16 bits of time slot period in low frequency
oscillator cycles. The time slot rate is (timer clock frequency)/
(TIMESLOT_PERIOD_x). The default value operates at 100 Hz
when using the 960 kHz clock. If the timer clock is set as
an external source from the GPIO, either 960 kHz or 32 kHz,
TM_CLK_GPIO_SEL must be configured to match the real clock
frequency.
0x258
0
R/W
0x000E TS_FREQH
[15:7]
RESERVED
Reserved.
0x0
R
[6:0]
TIMESLOT_PERIOD_H
Upper seven bits of time slot period in low frequency
oscillator cycles. The time slot rate is (timer clock frequency)/
(TIMESLOT_PERIOD_x). The default value operates at 100 Hz
when using the 960 kHz clock. If the timer clock is set to be
an external source from the GPIO, either 960 kHz or 32 kHz,
TM_CLK_GPIO_SEL must be configured to match the real clock
frequency.
0x0
R/W
0x000F SYS_CTL
15
SW_RESET
Software Reset. Write 1 to this bit to assert a software reset.
This resets the chip to its default values and stops all AFE
operations. The software reset does not reset the SPI (or
optional I2C) port.
0x0
R0/W
[14:11]
RESERVED
Reserved.
0x0
R
[10:8]
ALT_CLOCKS
External clock select.
0x0
R/W
000: use internal clocks.
001: use GPIO for low frequency oscillator (960 kHz). Timer
clock also uses this as the source.
010: use GPIO for high frequency oscillator (32 MHz).
011: use GPIO for high frequency oscillator (32 MHz), and
generate low frequency oscillator (1 MHz) from high frequency
oscillator. This feature must be disabled when the ECG is
enabled.
100: use GPIO for timer clock, 32 kHz or 960 kHz.
[7:6]
ALT_CLK_GPIO
Alternate clock GPIO select.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com