Electronic Components Datasheet Search
  English  ▼

X  

ADPD6000 Datasheet(PDF) 54 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 50Page - Analog Devices ADPD6000 Datasheet HTML 51Page - Analog Devices ADPD6000 Datasheet HTML 52Page - Analog Devices ADPD6000 Datasheet HTML 53Page - Analog Devices ADPD6000 Datasheet HTML 54Page - Analog Devices ADPD6000 Datasheet HTML 55Page - Analog Devices ADPD6000 Datasheet HTML 56Page - Analog Devices ADPD6000 Datasheet HTML 57Page - Analog Devices ADPD6000 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 89 page
background image
Data Sheet
ADPD6000
REGISTER SUMMARY
analog.com
Rev. 0 | 54 of 89
Table 20. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
[7:0]
RESERVE
D
AFE_PATH_CFG_K
0x0262
INPUTS_K
[15:8]
RESERVED
0x0000 R/W
[7:0]
INP34_K
INP12_K
0x0263
CATHODE_K
[15:8]
RESERVE
D
PRECON_K
VC2_PULSE_K
VC2_ALT_K
0x0000 R/W
[7:0]
VC2_SEL_K
VC1_PULSE_K
VC1_ALT_K
VC1_SEL_K
0x0264
AFE_TRIM1_K [15:8]
TIA_CEIL_
DETECT_E
N_K
CH2_TRIM_INT_K
CH1_TRIM_INT_K
VREF_PUL
SE_K
AFE_TRIM_VREF_K
0x02C9 R/W
[7:0]
VREF_PULSE_VAL_K
TIA_GAIN_CH2_K
TIA_GAIN_CH1_K
0x0265
AFE_TRIM2_K [15:8]
RESERVED
CH2_TRIM
_INT_CAP_
K
CH1_TRIM
_INT_CAP_
K
RESERVED
0x0000 R/W
[7:0]
RESERVED
0x0266
AFE_DAC1_K [15:8]
DAC_AMBIENT_CH1_K[8:1]
0x0000 R/W
[7:0]
DAC_AMBI
ENT_CH1_
K[0]
DAC_LED_DC_CH1_K
0x0267
AFE_DAC2_K [15:8]
DAC_AMBIENT_CH2_K[8:1]
0x0000 R/W
[7:0]
DAC_AMBI
ENT_CH2_
K[0]
DAC_LED_DC_CH2_K
0x0268
LED_POW12_
K
[15:8]
LED_DRIV
ESIDE2_K
LED_CURRENT2_K
0x0000 R/W
[7:0]
LED_DRIV
ESIDE1_K
LED_CURRENT1_K
0x0269
LED_MODE_K [15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVED
LED_MOD
E2_K
LED_MOD
E1_K
0x026A
COUNTS_K
[15:8]
NUM_INT_K
0x0101 R/W
[7:0]
NUM_REPEAT_K
0x026B
PERIOD_K
[15:8]
RESERVE
D
RESERVE
D
MOD_TYPE_K
RESERVED
MIN_PERIOD_K[9:8]
0x0000 R/W
[7:0]
MIN_PERIOD_K[7:0]
0x026C
LED_PULSE1
_K
[15:8]
LED_WIDTH_K
0x0210 R/W
[7:0]
LED_OFFSET_K
0x026D
LED_PULSE2
_K
[15:8]
RESERVED
0x0013 R/W
[7:0]
LED_SECOND_OFFSET_K
0x026E
INTEG_WIDTH
_K
[15:8]
SINGLE_IN
TEG_K
RESERVED
CH2_AMP_DISABLE_K
RESERVED
CH1_AMP_
DISABLE_
K[1]
0x0003 R/W
[7:0]
CH1_AMP_
DISABLE_
K[0]
ADC_COUNT_K
INTEG_WIDTH_K
0x026F
INTEG_OFFS
ET_K
[15:8]
RESERVED
INTEG_OFFSET_K[7:3]
0x01A0 R/W
[7:0]
INTEG_OFFSET_K[2:0]
INTEG_FINE_OFFSET_K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com