Electronic Components Datasheet Search
  English  ▼

X  

ADPD6000 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 12Page - Analog Devices ADPD6000 Datasheet HTML 13Page - Analog Devices ADPD6000 Datasheet HTML 14Page - Analog Devices ADPD6000 Datasheet HTML 15Page - Analog Devices ADPD6000 Datasheet HTML 16Page - Analog Devices ADPD6000 Datasheet HTML 17Page - Analog Devices ADPD6000 Datasheet HTML 18Page - Analog Devices ADPD6000 Datasheet HTML 19Page - Analog Devices ADPD6000 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 89 page
background image
Data Sheet
ADPD6000
THEORY OF OPERATION
analog.com
Rev. 0 | 16 of 89
INTRODUCTION
The ADPD6000 is a multimodal, vital signal monitoring AFE that
comprises three high performance signal chains: an optical meas-
urement path (PPG), ECG measurement path, and BIA measure-
ment path.
The PPG measurement path works as a transceiver that supports
up to four LEDs and four photodiode inputs. The current on the
LEDs is programmable from two 7-bit LED drivers. The receiver
path provides two high performance readout channels that can
sample simultaneously and can be configured separately. Two
high performance current DACs (IDACs) are implemented in each
channel to provide first class ambient light suppression and large
dynamic range in different application scenarios.
The ECG measurement path offers a high input impedance, low
noise, high dynamic range solution to allow high quality ECG signal
acquisition in wearable devices. Both DCLO detection and ACLO
detection are integrated to guarantee proper detectability.
The stimulus in the BIA path offers a sine wave with various op-
tions for frequency, amplitude, and phase to make the ADPD6000
suitable for measurement in different scenarios. A low noise TIA,
programmable gain amplifier (PGA), filter, and ADC are integrated
in the receiver channel to provide high performance impedance
measurement. Direct digital synthesis (DDS) and discrete Fourier
transform (DFT) engines are also integrated in this path.
An internal state machine allows flexible control of these three
measurement paths. The acquisition data can be stored in a 640-
byte FIFO.
TIME SLOT OPERATION
An internal configurable controller handles the operation of the
ADPD6000. This controller generates the timing needed to gener-
ate sampling regions comprising combinations of the three meas-
urement paths and sleep periods. To facilitate the use of multiple
signal chains, multiple time slots handle the access to different
transmitters or receivers.
The system is characterized by the ODR, which determines the
repetition periodicity of each enabled time slot. The enabled time
slots are repeated at the time slot rate configured by the TIME-
SLOT_PERIOD_x bits.
There are 19 time slots in the ADPD6000, as shown in Figure 26.
Each enabled PPG and BIA time slot is repeated at the time slot
rate, followed by an ultra low power sleep period.
ECG_TS is the ECG time slot. The operation of the ECG signal
chain is not in time slot fashion. After the ECG time slot turns on,
the ECG signal chain runs until the system stops. However, the
ECG signal chain output data is synchronized to the FIFO with this
time slot rate.
Following the ECG time slot, there are 12 PPG time slots
(PPG_TSA to PPG_TSL). Each PPG time slot allows the creation
of one or more LED pulses and modulate pulses, as well as the
acquisition of the photodiode or other device current based on that
stimulus. The operating parameters for each time slot are highly
configurable.
The last six time slots are the BIA time slots (BIA_TSA to
BIA_TSF). Each BIA time slot allows the excitation voltages, fre-
quencies, and receiver configurations to facilitate accurate body
impedance measurement.
Equation 1 determines the sampling rate (time slot rate), as follows:
Sampling Rate=Timer Clock Frequency
Hz/TIMESLOT_PERIOD_x
(1)
Table 9. Sources of Low Frequency Clock (LFCLK) and Timer Clock1
LFCLK
Timer Clock
ALT_CLOCKS TM_CLK_GPIO_SEL
960 kHz internal
960 kHz internal 0
N/A
960 kHz external
960 kHz external 1
N/A
960 kHz internal
960 kHz internal 2
N/A
1 MHz external
(divided from 32
MHz)
1 MHz external
(divided from 32
MHz)
3
N/A
960 kHz internal
960 kHz external 4
1
960 kHz internal
32 kHz external
4
0
1 N/A means not applicable.
Figure 26. Time Slot Allocation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com