Electronic Components Datasheet Search
  English  ▼

X  

ADPD6000 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 5 Page - Analog Devices

  ADPD6000 Datasheet HTML 1Page - Analog Devices ADPD6000 Datasheet HTML 2Page - Analog Devices ADPD6000 Datasheet HTML 3Page - Analog Devices ADPD6000 Datasheet HTML 4Page - Analog Devices ADPD6000 Datasheet HTML 5Page - Analog Devices ADPD6000 Datasheet HTML 6Page - Analog Devices ADPD6000 Datasheet HTML 7Page - Analog Devices ADPD6000 Datasheet HTML 8Page - Analog Devices ADPD6000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
Data Sheet
ADPD6000
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 89
Table 2. Performance Specifications
Parameter
Test Condition/Comments
Min
Typ
Max
Unit
TIA gain = 200 kΩ
120
pA rms
TIA gain = 400 kΩ
100
pA rms
Signal-to-Noise Ratio (SNR)
White card reflection, pulse = 1, ADC sample = 20
TIA gain = 12.5 kΩ
90
dB
TIA gain = 25 kΩ
90
dB
TIA gain = 50 kΩ
88
dB
TIA gain = 100 kΩ
87
dB
TIA gain = 200 kΩ
85
dB
TIA gain = 400 kΩ
82
dB
AC ALR
Up to 100 Hz
78
dB
DC Power Supply Rejection Ratio
(PSRR)
At 75% full scale (FS) input, optimal settings, all gains1
60
dB
LED DRIVER
Peak Current per Driver
LED pulse enabled
200
mA
Peak Current, Total
Using multiple LED drivers simultaneously
400
mA
Current Step
High SNR mode
1.57
mA
Low compliance mode
0.52
mA
Compliance Voltage
High SNR mode
400
mV
Low compliance mode
200
mV
Power
AFE current only, 70% FS output data rate (ODR) = 25 Hz
Standby
DVDD + AVDD
0.2
μA
Typical Heart Rate Monitor (HRM)
Application
DVDD + AVDD
28.5
μA
SAMPLING RATE
0.004
9000
Hz
ECG CHANNEL
Resolution is 286 nV, unless otherwise noted
Input Bias Current
ECG input pins, room temperature, lead off detection is off, measured
at dc
300
pA
Input Impedance
ECG input pins, measured at dc
3
GΩ
Differential Input Range
−1.2
+1.2
V
Electrode Single-Ended Input Voltage
Range
0.2
AVDD3 −
0.2
V
Input Common Mode Range
0.4
AVDD3 −
0.4
V
−3 dB Monitor Bandwidth
Data rate = 250 SPS
40
Hz
−3 dB Diagnostic Bandwidth
Data rate = 500 SPS
150
Hz
Gain Flatness
DC to 5.3 Hz (data rate = 250 SPS)
±1
%
DC to 19 Hz (data rate = 500 SPS)
±1.5
%
Gain Error
−2
+2
%
Resolution
286
nV/LSB
572
nV/LSB
Input Referred Noise
10 Sec Measurement Using Internal
Shorted Mode, Measured at Room
Temperature
Data rate = 250 SPS, monitoring filter bandwidth (40 Hz)
0.37
μV rms
Data rate = 500 SPS, diagnostic filter bandwidth (150 Hz)
0.75
μV rms
10 Sec System Level Measurement
with Proper Electrode Model and All
Functions Enabled (DCLO, ACLO)
Data rate = 250 SPS, monitoring filter bandwidth (40 Hz)
0.65
μV rms
Data rate = 500 SPS, diagnostic filter bandwidth (150 Hz)
0.95
μV rms
Common-Mode Rejection Ratio (CMRR) Measured at 60 Hz
116
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com