Electronic Components Datasheet Search
  English  ▼

X  

ADPD6000 Datasheet(PDF) 26 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 22Page - Analog Devices ADPD6000 Datasheet HTML 23Page - Analog Devices ADPD6000 Datasheet HTML 24Page - Analog Devices ADPD6000 Datasheet HTML 25Page - Analog Devices ADPD6000 Datasheet HTML 26Page - Analog Devices ADPD6000 Datasheet HTML 27Page - Analog Devices ADPD6000 Datasheet HTML 28Page - Analog Devices ADPD6000 Datasheet HTML 29Page - Analog Devices ADPD6000 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 89 page
background image
Data Sheet
ADPD6000
THEORY OF OPERATION
analog.com
Rev. 0 | 26 of 89
auto-increment to the next register if additional words are accessed
as part of the same access sequence. This automatic address
increment occurs for all addresses except the FIFO address, one
less than the FIFO address and the last used address, which is
0x351. Reads from the FIFO address continue to access the next
byte from the FIFO.
SPI Operations
The SPI single register write operation is shown in Figure 38. The
first two bytes contain the 15-bit register address and specify that a
write is requested. The remaining two bytes are the 16 data bits to
write to the register. The register write occurs only when all 16 bits
are shifted in prior to deassertion of the CS signal.
In addition, multiple registers can be written if additional 16-bit
data is shifted in before deassertion of the CS signal. The register
address automatically increments to the next register after each 16
bits of data.
The SPI single register read operation is shown in Figure 39. The
first two bytes contain the 15-bit register address and specify that
a read is requested. Register bits are shifted out starting with the
MSB. In addition, multiple registers can be read if additional 16-bit
data is shifted out prior to deassertion of the CS signal.
It is recommended that reading from the FIFO is performed byte
wise. There is no requirement to read multiples of 16 bits.
Figure 38. SPI Write Operation
Figure 39. SPI Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com