Electronic Components Datasheet Search
  English  ▼

X  

ADPD6000 Datasheet(PDF) 77 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 73Page - Analog Devices ADPD6000 Datasheet HTML 74Page - Analog Devices ADPD6000 Datasheet HTML 75Page - Analog Devices ADPD6000 Datasheet HTML 76Page - Analog Devices ADPD6000 Datasheet HTML 77Page - Analog Devices ADPD6000 Datasheet HTML 78Page - Analog Devices ADPD6000 Datasheet HTML 79Page - Analog Devices ADPD6000 Datasheet HTML 80Page - Analog Devices ADPD6000 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 77 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
0x0144 AFE_TRIM1_B
[14:13]
CH2_TRIM_INT_x
Channel 2 integrator resistor or buffer gain.
0x0
R/W
0x0164 AFE_TRIM1_C
00: RIN = 400 kΩ or buffer gain = 1 (RF/RIN = 200 kΩ/200 kΩ).
0x0184 AFE_TRIM1_D
01: RIN = 200 kΩ or buffer gain = 2 (RF/RIN = 200 kΩ/100 kΩ).
0x01A4 AFE_TRIM1_E
10: RIN = 100 kΩ or buffer gain = 1 (RF/RIN = 100 kΩ/100 kΩ).
0x01C4 AFE_TRIM1_F
11: RIN = 50 kΩ or buffer gain = 2 (RF/RIN = 100 kΩ/50 kΩ).
0x01E4 AFE_TRIM1_G
[12:11]
CH1_TRIM_INT_x
Channel 1 integrator resistor or buffer gain.
0x0
R/W
0x0204 AFE_TRIM1_H
00: RIN = 400 kΩ or buffer gain = 1 (RF/RIN = 200 kΩ/200 kΩ).
0x0224 AFE_TRIM1_I
01: RIN = 200 kΩ or buffer gain = 2 (RF/RIN = 200 kΩ/100 kΩ).
0x0244 AFE_TRIM1_J
10: RIN = 100 kΩ or buffer gain = 1 (RF/RIN = 100 kΩ/100 kΩ).
0x0264 AFE_TRIM1_K
11: RIN = 50 kΩ or buffer gain = 2 (RF/RIN = 100 kΩ/50 kΩ).
0x0284 AFE_TRIM1_L
10
VREF_PULSE_x
TIA_VREF pulse control.
0x0
R/W
0: no pulsing.
1: pulse TIA_VREF based on modulate pulse.
[9:8]
AFE_TRIM_VREF_x
Voltage trim for ref buffer.
0x2
R/W
00: TIA_VREF = 0.8855 V, PD reverse bias = 600 mV.
01: TIA_VREF = 0.8855 V, PD reverse bias = 400 mV
10: TIA_VREF = 0.8855 V, PD reverse bias = 200 mV
11: TIA_VREF = 1.265 V, PD reverse bias = 200 mV
[7:6]
VREF_PULSE_VAL_x
TIA_VREF pulse alternate value.
0x3
R/W
00: modulate TIA_VREF = 0.8855 V, PD reverse bias = 600 mV.
01: modulate TIA_VREF = 0.8855 V, PD reverse bias = 400 mV.
10: modulate TIA_VREF = 0.8855 V, PD reverse bias = 200 mV.
11: modulate TIA_VREF = 1.265 V, PD reverse bias = 200 mV.
[5:3]
TIA_GAIN_CH2_x
TIA resistor gain setting for Channel 2.
0x1
R/W
000: 400 kΩ.
001: 200 kΩ.
010: 100 kΩ.
011: 50 kΩ.
100: 25 kΩ.
101: 12.5 kΩ.
[2:0]
TIA_GAIN_CH1_x
TIA resistor gain setting for Channel 1.
0x1
R/W
000: 400 kΩ.
001: 200 kΩ.
010: 100 kΩ.
011: 50 kΩ.
100: 25 kΩ.
101: 12.5 kΩ.
0x0125 AFE_TRIM2_A
[15:14]
RESERVED
Reserved.
0x0
R
0x0145 AFE_TRIM2_B
13
CH2_TRIM_INT_CAP_x
Channel2 integrator capacitor.
0x0
R/W
0x0165 AFE_TRIM2_C
0: 6.3 pF.
0x0185 AFE_TRIM2_D
1: 12.6 pF.
0x01A5 AFE_TRIM2_E
12
CH1_TRIM_INT_CAP_x
Channel1 integrator capacitor.
0x0
R/W
0x01C5 AFE_TRIM2_F
0: 6.3 pF.
0x01E5 AFE_TRIM2_G
1: 12.6 pF.
0x0205 AFE_TRIM2_H
[11:0]
RESERVED
Reserved.
0x0
R
0x0225 AFE_TRIM2_I
0x0245 AFE_TRIM2_J
0x0265 AFE_TRIM2_K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com