Electronic Components Datasheet Search
  English  ▼

X  

ADPD6000 Datasheet(PDF) 79 Page - Analog Devices

Part # ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 75Page - Analog Devices ADPD6000 Datasheet HTML 76Page - Analog Devices ADPD6000 Datasheet HTML 77Page - Analog Devices ADPD6000 Datasheet HTML 78Page - Analog Devices ADPD6000 Datasheet HTML 79Page - Analog Devices ADPD6000 Datasheet HTML 80Page - Analog Devices ADPD6000 Datasheet HTML 81Page - Analog Devices ADPD6000 Datasheet HTML 82Page - Analog Devices ADPD6000 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 79 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
0x01A9 LED_MODE_E
0
LED_MODE1_x
Choose the operation mode of LED1x
0x0
R/W
0x01C9 LED_MODE_F
0: high SNR mode.
0x01E9 LED_MODE_G
0x0209 LED_MODE_H
0x0229 LED_MODE_I
0x0249 LED_MODE_J
0x0269 LED_MODE_K
0x0289 LED_MODE_L
0x012A COUNTS_A
[15:8]
NUM_INT_x
Number of ADC cycles or acquisition width. Number of analog
integration cycles per ADC conversion or the acquisition width
for digital integration. A setting of 0 is not allowed.
0x1
R/W
0x014A COUNTS_B
[7:0]
NUM_REPEAT_x
Number of sequence repeats. Total number of pulses =
NUM_INT_x × NUM_REPEAT_x. A setting of 0 is not allowed.
0x1
R/W
0x016A COUNTS_C
0x018A COUNTS_D
0x01AA COUNTS_E
0x01CA COUNTS_F
0x01EA COUNTS_G
0x020A COUNTS_H
0x022A COUNTS_I
0x024A COUNTS_J
0x026A COUNTS_K
0x028A COUNTS_L
0x012B PERIOD_A
15
RESERVED
Reserved.
0x0
R
0x014B PERIOD_B
14
RESERVED
Reserved
0x0
R/W
0x016B PERIOD_C
0x018B PERIOD_D
0x01AB PERIOD_E
[13:12]
MOD_TYPE_x
Modulation connection type.
0x0
R/W
0x01CB PERIOD_F
00: TIA is continuously connected to input after precondition. No
connection modulation.
0x01EB PERIOD_G
01: float type operation. Pulse connection from input to TIA with
modulate pulse, floating between pulses.
0x020B PERIOD_H
10: nonfloat type connection modulation. Pulse connection from
input to TIA. Connect to precondition value between pulses.
0x022B PERIOD_I
[11:10]
RESERVED
Reserved.
0x0
R
0x024B PERIOD_J
[9:0]
MIN_PERIOD_x
Minimum period for pulse repetition. Override for the
automatically calculated period. Used in float type operations
to set the floating time of second and subsequent floats
using the following formula: Float Time = MIN_PERIOD_x −
MOD_WIDTH_x.
0x0
R/W
0x026B PERIOD_K
0x028B PERIOD_L
0x012C LED_PULSE1_A
[15:8]
LED_WIDTH_x
LED pulse width.
0x2
R/W
0x014C LED_PULSE1_B
[7:0]
LED_OFFSET_x
LED pulse offset.
0x10
R/W
0x016C LED_PULSE1_C
0x018C LED_PULSE1_D
0x01AC LED_PULSE1_E
0x01CC LED_PULSE1_F
0x01EC LED_PULSE1_G
0x020C LED_PULSE1_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com