Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC591 Datasheet(PDF) 4 Page - Analog Devices

Part # ADSP-SC591
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC591 Datasheet(HTML) 4 Page - Analog Devices

  ADSP-SC591 Datasheet HTML 1Page - Analog Devices ADSP-SC591 Datasheet HTML 2Page - Analog Devices ADSP-SC591 Datasheet HTML 3Page - Analog Devices ADSP-SC591 Datasheet HTML 4Page - Analog Devices ADSP-SC591 Datasheet HTML 5Page - Analog Devices ADSP-SC591 Datasheet HTML 6Page - Analog Devices ADSP-SC591 Datasheet HTML 7Page - Analog Devices ADSP-SC591 Datasheet HTML 8Page - Analog Devices ADSP-SC591 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 145 page
background image
Rev. A
|
Page 4 of 145
|
April 2022
ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594
Table 1. Processor Features1
Processor Feature
ADSP-21591
ADSP-21593
ADSP-21594
ADSP-SC591
ADSP-SC592
ADSP-SC594
Arm Cortex-A5 (MHz, Maximum)2
N/A
N/A
N/A
600, 800
1000
800, 1000
Arm Core L1 Cache (I, D kB)
N/A
N/A
N/A
32, 32
32, 32
32,32
Arm Core L2 Cache (kB)
N/A
N/A
N/A
256
256
256
SHARC+ Core1 (MHz, Maximum)2
800
800, 1000
800, 1000
600, 800
1000
800, 1000
SHARC+ Core2 (MHz, Maximum)2
800
800, 1000
800, 1000
N/A
N/A
800, 1000
SHARC L1 SRAM (kB)
2 × 640
2 × 640
2 × 640
1 × 640
1 × 640
2 × 640
System Memory
L2 SRAM (Shared) (MB)
1
2
2
1
2
2
DDR3/DDR3L Controller (16-Bit)
1
1
1
1
1
1
Hardware Accelerators
FIRs Per SHARC+ Core
1
1
1
1
1
1
IIRs Per SHARC+ Core
4
4
4
4
4
4
Security Cryptographic Engine
Yes
Yes
Yes
Yes
Yes
Yes
DAI (Includes SRU and DRU)
2
2
2
2
2
2
Full SPORTs
8 (4 per DAI)
8 (4 per DAI)
8 (4 per DAI)
8 (4 per DAI)
8 (4 per DAI)
8 (4 per DAI)
S/PDIF Receive/Transmit
2 (1 per DAI)
2 (1 per DAI)
2 (1 per DAI)
2 (1 per DAI)
2 (1 per DAI)
2 (1 per DAI)
ASRCs
8 (4 per DAI)
8 (4 per DAI)
8 (4 per DAI)
8 (4 per DAI)
8 (4 per DAI)
8 (4 per DAI)
PCGs
8 (4 per DAI)
8 (4 per DAI)
8 (4 per DAI)
8 (4 per DAI)
8 (4 per DAI)
8 (4 per DAI)
4-Channel PDM MIC Input
2 (1 per DAI)
2 (1 per DAI)
2 (1 per DAI)
2 (1 per DAI)
2 (1 per DAI)
2 (1 per DAI)
Pin Buffers
28 (14 per DAI)
28 (14 per DAI)
40 (20 per DAI)
40 (20 per DAI)
40 (20 per DAI)
40 (20 per DAI)
Multiplexed Peripherals
MLB 3-Pin
Yes3
Yes3
Yes3
Yes3
Yes3
Yes3
Link Ports
2
2
2
2
2
2
GP Counter
1
1
1
1
1
1
I2C (TWI)
6
6
6
6
6
6
Watchdog Timers
3
3
3
3
3
3
GP Timers
164
164
164
164
164
164
Octal SPI
1
1
1
1
1
1
Quad-Data Bit SPI
2
2
2
2
2
2
Dual-Data Bit SPI
1
1
2
2
2
2
UARTs
3
3
4
4
4
4
ePPI
N/A
N/A
1
1
1
1
USB 2.0 HS OTG Controller
N/A
N/A
N/A
1
1
1
EMAC Std
N/A
N/A
N/A
10/100
10/100
10/100
EMAC Std/AVB + Timer IEEE 1588
N/A
N/A
N/A
10/100/1000
10/100/1000
10/100/1000
CAN FD
N/A
N/A
N/A
23
23
23
MLB 6-Pin
N/A
N/A
Yes3
Yes3
Yes3
Yes3
Multichannel 12-Bit ADC
4-channel
4-channel
8-channel5
8-channel5
8-channel5
8-channel5
GPIO Ports
Port A to Port C Port A to Port C Port A to Port I
Port A to Port I
Port A to Port I
Port A to Port I
GPIO + DAI Pins
40 + 28
40 + 28
135 + 40
135 + 40
135 + 40
135 + 40
Package
400- ball
BGA_ED
400- ball
BGA_ED
400- ball
BGA_ED
400- ball
BGA_ED
400- ball
BGA_ED
400- ball
BGA_ED
Package Options
LPC6
LPC6
HPC7
HPC7
HPC7
HPC7
1 N/A means not applicable.
2 Multiple values indicate various speed grades. See Automotive Products, Planned Automotive Production Products, Planned Production Products, and Ordering Guide.
3 Applies to automotive models only. See Automotive Products and Planned Automotive Production Products.
4 For the ADSP-21591 and ADSP-21593 models, GP timer instances TIMER10-TIMER15 are not brought out to package pins and must only be configured for internal modes
of operation.
5 The HADC can support up to 7 additional channels using an external multiplexer.
6 LPC = Low Peripheral Count— pin-compatible with the ADSP-21566, ADSP-21567, and ADSP-21569 processors.
7 HPC = High Peripheral Count—not pin-compatible with the ADSP-21566, ADSP-21567, and ADSP-21569 processors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com