Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC591 Datasheet(PDF) 27 Page - Analog Devices

Part # ADSP-SC591
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC591 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADSP-SC591 Datasheet HTML 23Page - Analog Devices ADSP-SC591 Datasheet HTML 24Page - Analog Devices ADSP-SC591 Datasheet HTML 25Page - Analog Devices ADSP-SC591 Datasheet HTML 26Page - Analog Devices ADSP-SC591 Datasheet HTML 27Page - Analog Devices ADSP-SC591 Datasheet HTML 28Page - Analog Devices ADSP-SC591 Datasheet HTML 29Page - Analog Devices ADSP-SC591 Datasheet HTML 30Page - Analog Devices ADSP-SC591 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 145 page
background image
Rev. A
|
Page 27 of 145
|
April 2022
ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594
MLB_CLKP
Input
Differential Clock (+).
MLB_DAT
InOut
Single Ended Data.
MLB_DATN
InOut
Differential Data (–).
MLB_DATP
InOut
Differential Data (+).
MLB_SIG
InOut
Single Ended Signal.
MLB_SIGN
InOut
Differential Signal (–).
MLB_SIGP
InOut
Differential Signal (+).
OSPI_CLK
Output
Clock Output. SPI clock output.
OSPI_D2
InOut
Data 2. Transfers serial data in quad and octal mode.
OSPI_D3
InOut
Data 3. Transfers serial data in quad and octal mode.
OSPI_D4
InOut
Data 4. Transfers serial data in octal mode.
OSPI_D5
InOut
Data 5. Transfers serial data in octal mode.
OSPI_D6
InOut
Data 6. Transfers serial data in octal mode.
OSPI_D7
InOut
Data 7. Transfers serial data in octal mode.
OSPI_DQS
Input
Data Strobe. Data strobe input from an external flash device.
OSPI_MISO
InOut
Master In, Slave Out. Transfers serial data. Operates in the same direction as SPI_MOSI in dual, quad,
and octal modes.
OSPI_MOSI
InOut
Master Out, Slave Input. Transfers serial data. Operates in the same direction as SPI_MISO in dual,
quad, and octal modes.
OSPI_SEL[n]
Output
Slave Select Output n. Used in master mode to enable the desired slave.
PPI_CLK
InOut
Clock. Input in external clock mode, output in internal clock mode.
PPI_D[nn]
InOut
Data n. Bidirectional data bus.
PPI_FS1
InOut
Frame Sync 1 (HSYNC). Behavior depends on EPPI mode. See the EPPI chapter of the
ADSP-2159x/ADSP-SC591/SC592/SC594 SHARC+ Processor Hardware Reference for more details.
PPI_FS2
InOut
Frame Sync 2 (VSYNC). Behavior depends on EPPI mode. See the EPPI chapter of the
ADSP-2159x/ADSP-SC591/SC592/SC594 SHARC+ Processor Hardware Reference for more details.
PPI_FS3
InOut
Frame Sync 3 (FIELD). Behavior depends on EPPI mode. See the EPPI chapter of the
ADSP-2159x/ADSP-SC591/SC592/SC594 SHARC+ Processor Hardware Reference for more details.
P_[nn]
InOut
Position n. General-purpose input/output. See the GP Ports chapter of the
ADSP-2159x/ADSP-SC591/SC592/SC594 SHARC+ Processor Hardware Reference for more details.
SPI_CLK
InOut
Clock. Input in slave mode, output in master mode.
SPI_D2
InOut
Data 2. Transfers serial data in quad mode. Open-drain when ODM mode is enabled.
SPI_D3
InOut
Data 3. Transfers serial data in quad mode. Open-drain when ODM mode is enabled.
SPI_MISO
InOut
Master In, Slave Out. Transfers serial data. Operates in the same direction as SPI_MOSI in dual and
quad modes. Open-drain when ODM mode is enabled.
SPI_MOSI
InOut
Master Out, Slave In. Transfers serial data. Operates in the same direction as SPI_MISO in dual and
quad modes. Open-drain when ODM mode is enabled.
SPI_RDY
InOut
Ready. Optional flow signal. Output in slave mode, input in master mode.
SPI_SEL[n]
Output
Slave Select Output n. Used in master mode to enable the desired slave.
SPI_SS
Input
Slave Select Input.
Slave mode—acts as the slave select input.
Master mode—optionally serves as an error detection input for the SPI when there are multiple
masters.
SPT_ACLK
InOut
Channel A Clock. Data and frame sync are driven or sampled with respect to this clock. This signal
can be either internally or externally generated.
SPT_AD0
InOut
Channel A Data 0. Primary bidirectional data I/O. This signal can be configured as an output to
transmit serial data or as an input to receive serial data.
SPT_AD1
InOut
Channel A Data 1. Secondary bidirectional data I/O. This signal can be configured as an output to
transmit serial data or as an input to receive serial data.
Table 9. ADSP-2159x/ADSP-SC59x Detailed Signal Descriptions (Continued)
Signal Name
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com