Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC591 Datasheet(PDF) 76 Page - Analog Devices

Part # ADSP-SC591
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC591 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADSP-SC591 Datasheet HTML 72Page - Analog Devices ADSP-SC591 Datasheet HTML 73Page - Analog Devices ADSP-SC591 Datasheet HTML 74Page - Analog Devices ADSP-SC591 Datasheet HTML 75Page - Analog Devices ADSP-SC591 Datasheet HTML 76Page - Analog Devices ADSP-SC591 Datasheet HTML 77Page - Analog Devices ADSP-SC591 Datasheet HTML 78Page - Analog Devices ADSP-SC591 Datasheet HTML 79Page - Analog Devices ADSP-SC591 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 145 page
background image
Rev. A
|
Page 76 of 145
|
April 2022
ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594
Clock and Reset Timing
Table 42 and Figure 10 describe clock and reset operations related to the CGU and RCU. Per the CCLK, SYSCLK, SCLKx, DCLK, and
OCLK timing specifications in Table 26 (Clock Operating Conditions), combinations of SYS_CLKIN0, SYS_CLKIN1, and clock multipli-
ers must not select clock rates in excess of the maximum instruction rate of the processor.
Dynamic Memory Controller (DMC)—Clock, Control, Write and Read Cycle Timing
The DMC clock, control, write and read timings comply with the JEDEC standards. To ensure proper operation of the DDR3/3L, all
DDR3/3L guidelines must be strictly followed. See ADSP-2159x/SC59x Board Design Guidelines for Dynamic Memory Controller (EE-
434).
Table 42. Clock and Reset Timing
Parameter
Min
Max
Unit
Timing Requirements
fCKIN
SYS_CLKINx Frequency (Crystal)1, 2
1 Applies to PLL bypass mode and PLL nonbypass mode.
2 The tCKIN period (see Figure 10) equals 1/fCKIN.
20
30
MHz
SYS_CLKINx Frequency (External SYS_CLKINx)1, 2
20
30
MHz
tCKINL
SYS_CLKINx Low Pulse1
16.67
ns
tCKINH
SYS_CLKINx High Pulse1
16.67
ns
tWRST
RESET Asserted Pulse Width Low3
3 Applies after power-up sequence is complete. See Table 41 and Figure 8 for power-up reset timing.
11 × tCKIN
ns
Figure 10. Clock and Reset Timing
SYS_CLKIN0/1
tWRST
tCKIN
tCKINL
tCKINH
SYS_HWRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com