Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC591 Datasheet(PDF) 16 Page - Analog Devices

Part # ADSP-SC591
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC591 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADSP-SC591 Datasheet HTML 12Page - Analog Devices ADSP-SC591 Datasheet HTML 13Page - Analog Devices ADSP-SC591 Datasheet HTML 14Page - Analog Devices ADSP-SC591 Datasheet HTML 15Page - Analog Devices ADSP-SC591 Datasheet HTML 16Page - Analog Devices ADSP-SC591 Datasheet HTML 17Page - Analog Devices ADSP-SC591 Datasheet HTML 18Page - Analog Devices ADSP-SC591 Datasheet HTML 19Page - Analog Devices ADSP-SC591 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 145 page
background image
Rev. A
|
Page 16 of 145
|
April 2022
ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594
DAI Routing Unit (DRU)
The DAI routing unit (DRU) provides flexibility when routing
signals across the two DAI units. All DAI0 SRU source signals
are available as source signals for the DAI1 SRU, and all DAI1
SRU source signals are available as source signals for the DAI0
SRU.
Serial Port (SPORT)
The processors feature eight synchronous serial ports
(SPORTs), providing an inexpensive interface to a wide variety
of digital and mixed-signal peripheral devices. These devices
include Analog Devices AD19xx and ADAU19xx families of
audio codecs, analog-to-digital converters (ADCs) and digital-
to-analog converters (DACs). Two data lines, a clock, and a
frame sync comprise a SPORT half. The data lines can be pro-
grammed to either transmit or receive data, and each data line
has a dedicated DMA channel.
An individual SPORT module consists of two independently
configurable SPORT halves with identical functionality. Two
bidirectional data lines—primary (0) and secondary (1)—are
available per SPORT half and are configurable as either trans-
mitters or receivers. Therefore, each SPORT half permits two
unidirectional streams into or out of the same SPORT. This
bidirectional functionality provides greater flexibility for serial
communications. For full-duplex configuration, one half
SPORT provides two transmit data signals, and the other half
SPORT provides two receive data signals. The frame sync and
clock are shared.
Serial ports operate in the following six modes:
• Standard DSP serial mode
• Multichannel time division multiplexing (TDM) mode
•I2S mode
• Packed I2S mode
• Left justified mode
• Right justified mode
Asynchronous Sample Rate Converter (ASRC)
The asynchronous sample rate converter (ASRC) contains eight
ASRC blocks. The ASRC provides up to 140 dB signal-to-noise
ratio (SNR). The ASRC block performs synchronous or asyn-
chronous sample rate conversion across independent stereo
channels, without using internal processor resources. The ASRC
blocks can also be configured to operate together to convert
multichannel audio data without phase mismatches. Finally, the
ASRC can clean up audio data from jittery clock sources such as
the S/PDIF receiver.
S/PDIF-Compatible Digital Audio Receiver/Transmitter
The Sony/Philips Digital Interface Format (S/PDIF) is a stan-
dard audio data transfer format that allows the transfer of digital
audio signals from one device to another. There are two S/PDIF
transmit/receive blocks on the processor. The digital audio
interface carries three types of information: audio data, nonau-
dio data (compressed data), and timing information.
The S/PDIF interface supports one stereo channel or com-
pressed audio streams. The S/PDIF transmitter and receiver are
AES3 compliant and support the sample rate from 24 kHz to
192 kHz. The S/PDIF receiver supports professional jitter
standards.
The S/PDIF receiver/transmitter has no separate DMA chan-
nels. It receives audio data in serial format and converts it into a
biphase encoded signal. The serial data input to the receiver/
transmitter can be formatted as left justified, I2S, or right justi-
fied with word widths of 16, 18, 20, or 24 bits. The serial data,
clock, and frame sync inputs to the S/PDIF receiver/transmitter
are routed through the SRU. They can come from various
sources, such as the SPORTs, external pins, and the precision
clock generators (PCGs), and are controlled by the SRU control
registers.
Precision Clock Generators (PCG)
The precision clock generators (PCG) consist of eight units
located in the two DAI blocks. The PCG can generate a pair of
signals (clock and frame sync) derived from a clock input signal
(CLKINx, SCLK0, or DAI pin buffer). Both units are identical in
functionality and operate independently of each other. The two
signals generated by each unit are normally used as a serial bit
clock/frame sync pair.
Pulse Density Modulation (PDM) Microphone Interface
The pulse density modulation (PDM) interface is used to con-
vert digital PDM microphone data to I2S/TDM format. The
microphone data in I2S/TDM format is then routed internally to
the serial port/ASRC or externally via the DAI pins. The PDM
microphone inputs include an internal decimation filter. Up to
eight PDM microphones can be connected to the two dedicated
digital microphone interfaces (one per DAI). Each PDM inter-
face consists of one clock line and two data lines. Two
microphones can share a single data line and be used along with
a clock line to create a dual-input microphone port. Two dual-
input lines can share a single clock line to support four micro-
phone inputs.
Enhanced Parallel Peripheral Interface (EPPI)
The processors provide an enhanced parallel peripheral inter-
face (EPPI) that supports data widths up to 24 bits. The EPPI
supports direct connection to thin film transistor (TFT) LCD
panels, parallel ADCs and DACs, video encoders and decoders,
image sensor modules, and other general-purpose peripherals.
The features supported in the EPPI module include the
following:
• Programmable data length of 8 bits, 10 bits, 12 bits, 14 bits,
16 bits, 18 bits, and 24 bits per clock
• Various framed, nonframed, and general-purpose operat-
ing modes. Frame syncs can be generated internally or can
be supplied by an external device.
• ITU-656 status word error detection and correction for
ITU-656 receive modes and ITU-656 preamble and status
word decoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com