Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC591 Datasheet(PDF) 23 Page - Analog Devices

Part # ADSP-SC591
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC591 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADSP-SC591 Datasheet HTML 19Page - Analog Devices ADSP-SC591 Datasheet HTML 20Page - Analog Devices ADSP-SC591 Datasheet HTML 21Page - Analog Devices ADSP-SC591 Datasheet HTML 22Page - Analog Devices ADSP-SC591 Datasheet HTML 23Page - Analog Devices ADSP-SC591 Datasheet HTML 24Page - Analog Devices ADSP-SC591 Datasheet HTML 25Page - Analog Devices ADSP-SC591 Datasheet HTML 26Page - Analog Devices ADSP-SC591 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 145 page
background image
Rev. A
|
Page 23 of 145
|
April 2022
ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594
registers with associated hardware. These four SWU match
groups operate independently but share common event (for
example, interrupt and trigger) outputs.
Debug Access Port (DAP)
The debug access port (DAP) provides IEEE 1149.1 JTAG inter-
face support through the JTAG debug. The DAP provides an
optional instrumentation trace for both the core and system. It
provides a trace stream that conforms to MIPI System Trace
Protocol version 2 (STPv2).
DEVELOPMENT TOOLS
Analog Devices supports its processors with a complete line of
software and hardware development tools, including an inte-
grated development environment, evaluation products,
emulators, and a variety of software add-ins.
Integrated Development Environment
For C/C++ software writing and editing, code generation, and
debug support, Analog Devices offers the CrossCore® Embed-
ded Studio (CCES) integrated development environment (IDE).
CCES is based on the Eclipse framework. Supporting most Ana-
log Devices processor families, CCES is the IDE of choice for
processors, including multicore devices.
CCES seamlessly integrates available software add-ins to sup-
port real-time operating systems, file systems, TCP/IP stacks,
USB stacks, algorithmic software modules, and evaluation hard-
ware board support packages (BSPs). For more information,
visit www.analog.com/cces.
EZ-KIT Evaluation Systems
For processor evaluation, Analog Devices provides EZ-KIT®
evaluation systems (EV-SC594-EZKIT and EV-21593-EZKIT),
which are bundles comprised of a System on Module (SOM)
board (EV-SC594-SOM or EV-21593-SOM) and an EZ-KIT
SOM carrier board (EV-SOMCRR-EZKIT).
SOM boards are small and low cost. The EV-SC594-SOM and
EV-21593-SOM boards either have the ADSP-SC594 or ADSP-
21593 processor, SDRAM and QSPI flash memories, JTAG
debug connection, FTDI USB-to-UART, and USB power. SOM
boards can be used alone or in combination with a SOM carrier
board. SOM carrier boards have high speed connectors for the
SOM, a comprehensive set of peripherals, and an on-board
emulator. Each SOM carrier board also comes with a power
supply.
The USB controller on the SOM carrier board connects to the
USB port of the user’s PC, enabling CCES to emulate the on-
board processor in circuit. This permits users to download, exe-
cute, and debug programs. It also supports in-circuit
programming of the on-board flash memory device to store
user-specific boot code, enabling standalone operation.
Each EZ-KIT purchased includes an evaluation license for
CCES. The CCES evaluation license type restricts CCES features
to specific evaluation systems. With the full CCES license type
(sold separately), engineers can develop software for any of the
CCES-supported evaluation boards (including the SOM when
used standalone or when connected to a different carrier board)
or any custom system designed around supported Analog
Devices processors. The full CCES license type also enables use
of ICE-2000 or ICE-1000 emulators for higher performance
debugging via JTAG.
When a SOM board is mounted to a SOM carrier board,
embedded system evaluation can be performed. The EZ-KIT
SOM carrier board provides an evaluation platform for various
system peripherals including audio, S/PDIF, CAN, MLB, USB,
10/100/1000 Ethernet, and A2B, as well as an OSPI flash mem-
ory. The EZ-KIT SOM carrier board also features the USB
Debug Agent, which allows for debug and evaluation of the full
system (including the processor/memory on the SOM module)
without an emulator.
For further information, see:
• www.analog.com/cces
• www.analog.com/EV-21593-SOM
• www.analog.com/EV-SC594-SOM
• www.analog.com/EV-SOMCRR-EZKIT
Software Add-Ins for CCES
Analog Devices offers software add-ins which seamlessly inte-
grate with CCES to extend the capabilities and reduce
development time. Add-ins include BSPs for evaluation hard-
ware, various middleware packages, and algorithmic modules.
Documentation, help, configuration dialogs, and coding exam-
ples present in these add-ins are viewable through the CCES
IDE upon add-in installation.
Board Support Packages (BSPs) for Evaluation Hardware
Software support for the EZ-KIT evaluation systems is provided
by software add-ins called board support packages (BSPs). The
BSPs contain the required drivers, pertinent release notes, and
select example code for the given evaluation hardware. A down-
load link for a specific BSP is located on the web page for the
associated SOM product.
Middleware Packages
Analog Devices and their development partners provide a range
of software stacks which offer additional software functionality
for the supported peripherals. This includes TCP/IP, USB,
filesystem, EAVB, and Dante. For more information, see the
Operating Systems and Middleware page.
RTOS and Operating Systems
Analog Devices provides RTOS and operating systems for the
cores of its DSP processors. FreeRTOS is available for both the
SHARC and Arm cores of the ADSP-SC5xx/ADSP-215xx pro-
cessors. Embedded Linux is available for the ARM core of the
ADSP-SC5xx family of processors. For more information, see
the Operating Systems and Middleware page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com