Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 34 Page - Analog Devices

Part # LTM4675
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 30Page - Analog Devices LTM4675 Datasheet HTML 31Page - Analog Devices LTM4675 Datasheet HTML 32Page - Analog Devices LTM4675 Datasheet HTML 33Page - Analog Devices LTM4675 Datasheet HTML 34Page - Analog Devices LTM4675 Datasheet HTML 35Page - Analog Devices LTM4675 Datasheet HTML 36Page - Analog Devices LTM4675 Datasheet HTML 37Page - Analog Devices LTM4675 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 130 page
background image
LTM4686B
34
Rev. 0
For more information www.analog.com
OPERATION
Rail addressing provides a means for the bus master to simul-
taneously communicate with all channels connected together
to produce a single output voltage (PolyPhase®). While simi-
lar to global addressing, the rail address can be dynamically
assigned with the paged MFR_RAIL_ADDRESS command,
allowing for any logical grouping of channels that might be
required for reliable system control. Do not read from rail
addresses because multiple ADI devices may respond.
Device addressing provides the standard means of the
PMBus master communicating with a single instance
of an LTM4686B. The value of the device address is set
by a combination of the ASEL configuration pin and the
MFR_ADDRESS command. When this addressing means
is used, the PAGE command determines the channel being
acted upon. Device addressing can be disabled by writing
a value of 0x80 to the MFR_ADDRESS.
All four means of PMBus addressing require the user to
employ disciplined planning to avoid addressing conflicts.
Communication to LTM4686B devices at global and rail
addresses should be limited to command write operations.
FAULT DETECTION AND HANDLING
A variety of fault and warning reporting and handling
mechanisms are available. Fault and warning detection
capabilities include:
n
Input OV/FAULT Protection and UV Warning
n
Average Input OC Warn
n
Output OV/UV Fault and Warn Protection
n
Output OC Fault and Warn Protection
n
Internal and External Overtemperature Fault and Warn
Protection
n
External Undertemperature Fault Protection
n
CML Fault (Communication, Memory or Logic)
n
External Fault Detection via the Bidirectional GPIOn Pins.
In addition, the LTM4686B can map any combination of fault
indicators to their respective GPIOn pin using the propagate
GPIOn response commands, MFR_GPIO_PROPAGATEn.
Typical usage of a GPIO pin is as a driver for an external
crowbar device, overtemperature alert, overvoltage alert or
as an interrupt to cause a microcontroller to poll the fault
commands. Alternatively, the GPIOn pins can be used as
inputs to detect external faults downstream of the control-
ler that require an immediate response. The GPIO0 and/or
GPIO1 pins can also be configured as power good outputs.
Power good indicates the controller output is within the OV/
UV fault thresholds. At power-up the pin will initially be three-
state. If it is necessary to have the desired polarity on the pin
at power-up in this configuration, attach a Schottky diode
between the RUN pin of the propagated power good signal
and the GPIO pin. The Cathode must be attached to RUN
and the Anode to the GPIO pin (see Figure 1). If the GPIO pin
is set to a power good status, the MFR_GPIO_RESPONSE
must be ignore otherwise a latched off condition exists.
As described in the Soft-Start section, it is possible to
control start-up through concatenated events. If GPIOn
is used to drive the RUN pin of another controller, the
unfiltered VOUT_UV fault limit should be mapped to the
GPIOn pin.
Any fault or warning event will cause the ALERT pin to
assert low unless the ALERT is masked by the SMBALERT_
MASK command. The pin will remain asserted low until
the CLEAR_FAULTS command is issued, the fault bit is
written to a 1, the PMBus master successfully reads the
device ARA register, bias power is cycled or a MFR_RESET
or RESTORE_USER_ALL command is issued. Channel
specific faults are cleared if the RUN pins are toggled OFF/
ON or the part is commanded OFF/ON via PMBus. If bit
0 of MFR_CONFIG_ALL is set to a 1, toggling the RUN
pins OFF/ON or commanding the part OFF/ON via PMBus
clears all faults. The MFR_GPIO_PROPAGATEn com-
mand determines if the GPIO pins are pulled low when a
fault is detected; however, the ALERT pin is always pulled
low if a fault or warning is detected and the status bits
are updated unless the ALERT pin is masked using the
SMBALERT_MASK command.
Output and input fault event handling is controlled by the
corresponding fault response byte as specified in Table 24
to Table 28. Shutdown recovery from these types of faults
can either be autonomous or latched. For autonomous
recovery, the faults are not latched, so if the fault condi-
tion is not present after the retry interval has elapsed, a new
soft-start is attempted. If the fault persists, the controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com