Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4675
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 7Page - Analog Devices LTM4675 Datasheet HTML 8Page - Analog Devices LTM4675 Datasheet HTML 9Page - Analog Devices LTM4675 Datasheet HTML 10Page - Analog Devices LTM4675 Datasheet HTML 11Page - Analog Devices LTM4675 Datasheet HTML 12Page - Analog Devices LTM4675 Datasheet HTML 13Page - Analog Devices LTM4675 Datasheet HTML 14Page - Analog Devices LTM4675 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 130 page
background image
LTM4686B
11
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current at 2.5VIN
Efficiency vs Load Current at 3.3VIN
Efficiency vs Load Current at 5VIN
Single Phase Single Output
Pulse-Skipping (Discontinuous)
Mode Efficiency
Dual Phase Single Output Load
Transient Response, 5VIN to 1VOUT
Single Phase Single Output Load
Transient Response, 5VIN to 1VOUT
Single Phase Single Output Load
Transient Response, 3.3VIN to 1VOUT
VOUT0
50mV/DIV
AC-COUPLED
IOUT
5A/DIV
40µs/DIV
FIGURE 63 CIRCUIT AT 5VIN,
0A TO 7A LOAD STEP AT 7A/µs
4686B G06
VOUT
20mV/DIV
AC-COUPLED
IOUT
5A/DIV
50µs/DIV
FIGURE 32 CIRCUIT AT 3.3VIN,
VOUT_COMMANDn SET TO 1.000V.
7A TO 14A LOAD STEP AT 7A/µs
4686B G07
Dual Output Concurrent Rail
Start-Up/Shutdown
Dual Output Start-Up/Shutdown
with a Prebiased Load
VOUT0,
VOUT1
500mV/DIV
IOUT0
5A/DIV
RUN0, RUN1
5V/DIV
2ms/DIV
FIGURE 63 CIRCUIT AT 5VIN, 80m LOAD
ON VOUT0, NO LOAD ON VOUT1.
TON_RISE0 = 3ms, TON_RISE1 = 5.297ms,
TOFF_DELAY1 = 0ms, TOFF_DELAY0 = 2.43ms,
TOFF_FALL1 = 5.328ms, TOFF_FALL0 = 3ms,
ON_OFF_CONFIGn = 0x1E
4686B G08
VOUT0, VOUT1
500mV/DIV
IDIODE
1mA/DIV
RUN0, RUN1
5V/DIV
2ms/DIV
FIGURE 63 CIRCUIT AT 5VIN, 80m LOAD ON
VOUT0, 500 ON VOUT1. VOUT1 PRE-BIASED
THROUGH A DIODE. TON_RISE0 = 3ms,
TON_RISE1 = 5.297ms, TOFF_DELAY1 = 0ms,
TOFF_DELAY0 = 2.43ms, TOFF_FALL1 = 5.328ms,
TOFF_FALL0 = 3ms, ON_OFF_CONFIG1 = 0x1F,
ON_OFF_CONFIG0 = 0x1E
4686B G09
VOUT
20mV/DIV
AC-COUPLED
IOUT
10A/DIV
50µs/DIV
FIGURE 30 CIRCUIT AT 5VIN,
VOUT_COMMANDn SET TO 1.000V.
14A TO 28A LOAD STEP AT 14A/µs
4686B G05
TA = 25°C, 5VIN to 1VOUT, switching frequency set
per Table 7, unless otherwise noted.
OUTPUT CURRENT (A)
0
4
8
12
16
20
24
28
70
75
80
85
90
95
100
4686B G01
1.8VOUT
1.5VOUT
1.2VOUT
1VOUT
0.9VOUT
0.8VOUT
0.7VOUT
0.6VOUT
OUTPUT CURRENT (A)
0
4
8
12
16
20
24
28
70
75
80
85
90
95
100
4686B G02
2.5VOUT
1.8VOUT
1.5VOUT
1.2VOUT
1VOUT
0.9VOUT
0.8VOUT
0.7VOUT
0.6VOUT
3.3VOUT
2.5VOUT
1.8VOUT
1.5VOUT
1.2VOUT
1VOUT
0.9VOUT
0.8VOUT
0.7VOUT
0.6VOUT
OUTPUT CURRENT (A)
0
4
8
12
16
20
24
28
70
75
80
85
90
95
100
4686B G03
MFR_PWM_MODEn[0] = 0b
OUTPUT CURRENT (A)
0
2
4
6
8
10
12
14
40
50
60
70
80
90
4686B G04
5VIN TO 1.5VOUT, 1MHz
VIN = SVIN = VINn = INTVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com