Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4675
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 1 Page - Analog Devices

  LTM4675 Datasheet HTML 1Page - Analog Devices LTM4675 Datasheet HTML 2Page - Analog Devices LTM4675 Datasheet HTML 3Page - Analog Devices LTM4675 Datasheet HTML 4Page - Analog Devices LTM4675 Datasheet HTML 5Page - Analog Devices LTM4675 Datasheet HTML 6Page - Analog Devices LTM4675 Datasheet HTML 7Page - Analog Devices LTM4675 Datasheet HTML 8Page - Analog Devices LTM4675 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 130 page
background image
LTM4686B
1
Rev. 0
For more information www.analog.com
Document Feedback
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents including 5408150, 5481178, 5705919, 5929620, 6144194, 6177787, 6580258,
7420359, 8163643. Licensed under U.S. Patent 7000125 and other related patents worldwide.
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Ultrathin Dual 14A or Single 28A μModule Regulator
with Digital Power System Management
The LTM®4686B is a dual 14A (17A peak) or single 28A
(34A peak) step-down µModule® (micromodule) DC/
DC regulator with 39ms turn-on time. It features remote
configurability and telemetry-monitoring of power man-
agement parameters over PMBus—an open standard
I2C-based digital interface protocol . The LTM4686B is
comprised of fast analog control loops, precision mixed-
signal circuitry, EEPROM, power MOSFETs, inductors
and supporting components. A video on ultrathin module
products is available on the website. Click here .
The LTM4686B’s 2-wire serial interface allows outputs to be
margined, tuned and ramped up and down at programmable
slew rates with sequencing delay times. Input and output
currents and voltages, output power, temperature, uptime
and peak values are readable. Custom configuration of the
EEPROM contents is not required. Pin-strap resistors con-
figure start-up settings. The LTpowerPlay® GUI, DC1613
USB-to-PMBus converter, DC2086 programming adapter
and demo kits are available.
Pb-free and RoHS compliant, the LTM4686B is available
in a 16mm × 11.9mm × 1.82mm LGA package.
APPLICATIONS
n
Dual, Fast, Analog Loops with Digital Interface for
Control and Monitoring
n
Input Voltage Range: 4.5V to 5.75V Standalone,
2.375V to 5.75V with Aux 5V Bias
n
Output Voltage Range: 0.5V to 3.6V
n
±0.5% Maximum DC Output Error Over Temperature
n
14A DC Typical, 17A Peak Output Current, per Channel
n
±10% Current Readback Accuracy at 10A Load
n
400kHz PMBus-Compliant I2C Serial Interface
n
Integrated 16-Bit ∆Σ ADC
n
Supports Telemetry Polling Rates Up to 125Hz
n
Constant Frequency Current Mode Control
n
Parallel and Current Share Multiple Modules
n
All 7-Bit Slave Addresses Supported
n
Drop-In Pin-Compatible to Dual 10A LTM4686 and
Dual 9A LTM4675 and Dual 13A LTM4676A and Dual
18A LTM4677
n
16mm × 11.9mm × 1.82mm LGA Package
Readable Data
n
Input and Output Voltages, Currents, and Temperatures
n
Running Peak Values, Uptime, Faults and Warnings
n
Onboard EEPROM with ECC and Fault Log Record
Writable Data and Configurable Parameters
n
Output Voltage, Voltage Sequencing and Margining
n
Digital Soft-Start/Stop Ramp
n
OV/UV/OT, UVLO, Frequency and Phasing
n
System Optimization in Prototype and Production
Dual 14A µModule Regulator with Digital
Interface for Control and Monitoring*
Using PMBus and LTpowerPlay to Monitor Telemetry and Margin
VOUT0/VOUT1 During Load Pattern Tests; 10Hz Polling Rate; 3.3VIN
Click to view associated Video Design Idea.
22µF
×2
ON/OFF
CONTROL
FAULT INTERRUPTS,
POWER SEQUENCING
PWM CLOCK AND
TIME-BASE
SYNCHRONIZATION
VIN
2.7V TO
5.5V
VOSNS0–
VOUT0,
ADJUSTABLE
UP TO 14A (17A PEAK)
100µF
×4
VOSNS0+
VOUT0
VIN0
VIN1
SVIN
INTVCC
VOUT1,
ADJUSTABLE
UP TO 14A (17A PEAK)
100µF
×4
I2C/SMBus I/F WITH
PMBus COMMAND SET
TO/FROM IPMI OR OTHER
BOARD MANAGEMENT
CONTROLLER
LOAD1
RUN0
RUN1
WP
*FOR COMPLETE CIRCUIT, SEE FIGURE 32.
LTM4686B
GND
4686B TA01a
SGND
SCL
SDA
ALERT
VOSNS1
VOUT1
GPIO0
GPIO1
REGISTER WRITE
PROTECTION
SYNC
SHARE_CLK
LTC3204B-5,
5VOUT
DC/DC
CHARGE-PUMP
LOAD0
Output Voltage Readback, VOUT Margined 10% Low
Power Stage Temperature Readback
Output Current Readback, Varying Load Pattern
Input Current Readback
1.1
1.0
0.9
0.8
1.9
1.8
1.7
1.6
0
3
6
TIME (s)
4686B TA01b
9
12
4
2
0
6
3
0
0
3
6
TIME (s)
4686B TA01d
9
12
10
5
0
10
5
0
0
3
6
TIME (s)
4686B TA01c
9
12
60
57
54
51
60
57
54
51
0
3
6
TIME (s)
4686B TA01e
9
12


Similar Part No. - LTM4675

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4675 LINER-LTM4675 Datasheet
1Mb / 28P
Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4675 LINER-LTM4675 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
LTM4675 LINER-LTM4675 Datasheet
2Mb / 136P
Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
LTM4675 LINER-LTM4675 Datasheet
1Mb / 20P
PolyPhase Step-Down Slave Controller for Digital Power System Management
LTM4675 LINER-LTM4675 Datasheet
1,006Kb / 22P
PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
More results

Similar Description - LTM4675

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
Dual 9A or Single 18A Module Regulator with Digital Power System Management
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4622 LINER-LTM4622 Datasheet
451Kb / 28P
Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
LTM4631 LINER-LTM4631 Datasheet
975Kb / 34P
Ultrathin Dual 10A or Single 20A DC/DC 關Module Regulator
LTM4676A LINER-LTM4676A Datasheet
2Mb / 136P
Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4681 AD-LTM4681 Datasheet
3Mb / 132P
Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
LTM4664A AD-LTM4664A Datasheet
6Mb / 138P
30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
LTM4700 AD-LTM4700 Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com