Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4675
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 5Page - Analog Devices LTM4675 Datasheet HTML 6Page - Analog Devices LTM4675 Datasheet HTML 7Page - Analog Devices LTM4675 Datasheet HTML 8Page - Analog Devices LTM4675 Datasheet HTML 9Page - Analog Devices LTM4675 Datasheet HTML 10Page - Analog Devices LTM4675 Datasheet HTML 11Page - Analog Devices LTM4675 Datasheet HTML 12Page - Analog Devices LTM4675 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 130 page
background image
LTM4686B
9
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 4). TA = 25°C, VIN = 5V, RUNn = 5V,
FREQUENCY_SWITCH = 1MHz, VOUT_COMMANDn = 1V and VOUT_UV_FAULT_RESPONSEn = TON_MAX_FAULT_RESPONSEn = 0x00
unless otherwise noted. All other command codes configured per factory-default EEPROM settings unless otherwise noted. Tested per
Circuit 1, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
EEPROM Characteristics
Endurance
(Note 13)
0°C ≤ TJ ≤ 85°C During EEPROM Write Operations (Note 3)
l
10,000
Cycles
Retention
(Note 13)
TJ < TJ(MAX), with Most Recent EEPROM Write Operation Having
Occurred at 0°C ≤ TJ ≤ 85°C (Note 3)
l
10
Years
Mass_Write
Mass Write Operation
Time
Execution of STORE_USER_ALL Command, 0°C ≤ TJ ≤ 85°C
(ATE-Tested at TJ = 25°C) (Notes 3, 13)
440
4100
ms
Digital I/Os
VIH
Input High Threshold
Voltage
SCL, SDA, RUNn, GPIOn (Note 15)
SHARE_CLK, WP (Note 15)
1.35
1.8
V
V
VIL
Input Low Threshold
Voltage
SCL, SDA, RUNn, GPIOn (Note 15)
SHARE_CLK, WP (Note 15)
0.8
0.6
V
V
VHYST
Input Hysteresis
SCL, SDA (Note 15)
80
mV
VOL
Output Low Voltage
SCL, SDA, ALERT, RUNn, GPIOn, SHARE_CLK:
ISINK = 3mA
l
0.3
0.4
V
IOL
Input Leakage Current SDA, SCL, ALERT, RUNn: 0V ≤ VPIN ≤ 5.5V
GPIOn and SHARE_CLK: 0V ≤ VPIN ≤ 3.6V
l
l
±5
±2
µA
µA
tFILTER
Input Digital Filtering
RUNn (Note 15)
GPIOn (Note 15)
10
3
µs
µs
CPIN
Input Capacitance
SCL, SDA, RUNn, GPIOn, SHARE_CLK, WP (Note 15)
10
pF
PMBus Interface Timing Characteristics
fSMB
Serial Bus Operating
Frequency
(Note 15)
10
400
kHz
tBUF
Bus Free Time
Between Stop and
Start
(Note 15)
1.3
μs
tHD,STA
Hold Time After
Repeated Start
Condition
Time Period After Which First Clock Is Generated (Note 15)
0.6
µs
tSU,STA
Repeated Start
Condition Setup Time
(Note 15)
0.6
μs
tSU,STO
Stop Condition Setup
Time
(Note 15)
0.6
μs
tHD,DAT
Data Hold Time
Receiving Data (Note 15)
Transmitting Data (Note 15)
0
0.3
0.9
µs
µs
tSU,DAT
Data Setup Time
Receiving Data (Note 15)
0.1
μs
tTIMEOUT_SMB
Stuck PMBus Timer
Timeout
Measured from the Last PMBus Start Event:
Block Reads, MFR_CONFIG_ALL[3] = 0b (Note 15)
Non-Block Reads, MFR_CONFIG_ALL[3] = 0b (Note 15)
MFR_CONFIG_ALL[3] = 1b (Note 15)
150
32
250
ms
ms
ms
tLOW
Serial Clock Low
Period
(Note 15)
1.3
10000
μs
tHIGH
Serial Clock High
Period
(Note 15)
0.6
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com