Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM4675
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 24Page - Analog Devices LTM4675 Datasheet HTML 25Page - Analog Devices LTM4675 Datasheet HTML 26Page - Analog Devices LTM4675 Datasheet HTML 27Page - Analog Devices LTM4675 Datasheet HTML 28Page - Analog Devices LTM4675 Datasheet HTML 29Page - Analog Devices LTM4675 Datasheet HTML 30Page - Analog Devices LTM4675 Datasheet HTML 31Page - Analog Devices LTM4675 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 130 page
background image
LTM4686B
28
Rev. 0
For more information www.analog.com
OPERATION
(MFR_IOUT_CAL_GAIN_TCn) (uncommon to alter this
parameter from its NVM-Factory default setting).
n
Altering the gain or offset of the power stage sen-
sors (MFR_TEMP_1_GAINn and MFR_TEMP_1_
OFFSETn)—or that of the external temperature sensor,
when an external temperature sensor is used on the
TSNS1a pin. (Uncommon to alter this parameter from
its NVM-factory default setting).
n
Configuring whether the LTM4686B Pulls SHARE_CLK
logic low when SVIN has fallen outside Its UVLO thresh-
olds (MFR_PWM_CONFIG[4]). MFR_PWM_CONFIG
cannot be changed on the fly; switching action must be
off (uncommon to alter this parameter from its NVM-
factory default setting).
n
Configuring whether the LTM4686B’s output voltage
digital servos are active vs disengaged (MFR_PWM_
MODEn[6]. Uncommon to alter this parameter from its
NVM-factory default settings).
n
Configuring whether the LTM4686B’s current limit
range is set to high range vs low range. (MFR_PWM_
MODEn[7]. Not recommended to alter this parameter
from its NVM-factory default settings).
Remaining LTM4686B status that can be queried over I2C
communications follow:
n
Access to three “hand-shaking” status bits (MFR_
COMMON[6:4]) to ease implementation of PMBus
busy protocols, i.e., enabling fast and robust system
level communication through polling of these bits to
infer LTM4686B’s readiness to act on subsequent I2C
writes. (See PMBus communication and command
processing, in the Applications Information section.)
n
Providing a means to determine whether the LTM4686B
NVM download to RAM has occurred (“NVM Initialized,”
MFR_COMMON[3]).
n
Providing a means other than ARA protocol to deter-
mine whether the LTM4686B is pulling ALERT low
(MFR_COMMON[7]).
n
Detecting a SHARE_CLK timeout event
(MFR_COMMON[1]).
n
Verifying or Altering the Slave Address of the LTM4686B
(MFR_ADDRESS).
POWER MODULE OVERVIEW
A dedicated remote-sense amplifier precisely kelvin-
senses VOUT0’s load via the differential pin-pair formed
by VOSNS0+ and VOSNS0–. VOUT0 can be commanded to
between 0.5VDC and 3.6VDC. VOUT1 is sensed via the pin-
pair formed by VOSNS1 and signal ground of the module’s
SGND. VOUT1 can be commanded to between 0.5VDC and
3.6VDC. Output voltage readback telemetry is available
over I2C (READ_VOUTn registers). Peak output voltage
readback telemetry is accessible in the MFR_READ_
VOUT_PEAKn registers. If VOSNS0– exceeds VOSNS0+, no
phase reversal of the differentially-sensed output voltage
feedback signal occurs (Note 12). Similarly, no phase
reversal occurs when SGND exceeds VOSNS1(Note 12).
For added flexibility, the VOSNSO+/VOSNSO– feedback pins
can be configured as the control loop feedback path for
both VOUT0 and VOUT1 by setting MFR_PWM_CONFIG[7] =
1b. (See Figure 35).
The typical application schematic is shown in Figure 62
on the back page of this data sheet.
The LTM4686B can operate from input voltages between
4.5V and 5.75V (see Figure 62). Internal LDOs—3.3V
(VDD33), derived from INTVCC, and 2.5V (VDD25), derived
from VDD33—bias the LTM4686B’s digital circuitry. Control
IC bias (SVIN) is routed independent of the inputs to the
power stages (VIN0, VIN1); this enables step-down DC/DC
conversion from less than 4.5V input (see Figure 31), so
long as auxiliary power (~ 5V) is available to bias SVIN
and INTVCC (the module’s control IC) appropriately. (See
also Test Circuit 2). Furthermore, the inputs of the two



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com