Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 41 Page - Analog Devices

Part # LTM4675
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 41 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 37Page - Analog Devices LTM4675 Datasheet HTML 38Page - Analog Devices LTM4675 Datasheet HTML 39Page - Analog Devices LTM4675 Datasheet HTML 40Page - Analog Devices LTM4675 Datasheet HTML 41Page - Analog Devices LTM4675 Datasheet HTML 42Page - Analog Devices LTM4675 Datasheet HTML 43Page - Analog Devices LTM4675 Datasheet HTML 44Page - Analog Devices LTM4675 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 130 page
background image
LTM4686B
41
Rev. 0
For more information www.analog.com
PMBus COMMAND SUMMARY
Table 1. Summary of Supported Commands
PMBus COMMAND
NAME, OR FEATURE
CMD CODE
(REGISTER)
COMMAND OR FEATURE
DESCRIPTION
LTM4686B NVM FACTORY-DEFAULT VALUE AND/OR ATTRIBUTES
PAGE
STATUS_IOUTn
0x7B
Output current fault and warning
status.
Default value not applicable, read/write, paged, not stored in NVM.
112
STATUS_INPUT
0x7C
Input supply (SVIN) fault and
warning status.
Default value not applicable, read/write, non-paged, not stored in NVM.
112
STATUS_
TEMPERATUREn
0x7D
TSNSna– sensed temperature
fault and warning status for
READ_TEMERATURE_1n.
Default value not applicable, read/write, paged, not stored in NVM.
113
STATUS_CML
0x7E
Communication and memory fault
and warning status.
Default value not applicable, read/write, non-paged, not stored in NVM.
113
STATUS_MFR_
SPECIFICn
0x80
Manufacturer specific fault and
state information.
Default value not applicable, read/write, paged, not stored in NVM.
113
READ_VIN
0x88
Measured input supply (SVIN)
voltage.
Default value not applicable, read-only, non-paged, not stored in NVM.
117
READ_IIN
0x89
Calculated total input supply
current.
Default value not applicable, read-only, non-paged, not stored in NVM.
117
READ_VOUTn
0x8B
Measured output voltage.
Default value not applicable, read-only, paged, not stored in NVM.
117
READ_IOUTn
0x8C
Measured output current.
Default value not applicable, read-only, paged, not stored in NVM.
117
READ_
TEMPERATURE_1n
0x8D
Measurement of TSNSna– sensed
temperature.
Default value not applicable, read-only, paged, not stored in NVM.
117
READ_
TEMPERATURE_2
0x8E
Measured control IC junction
temperature.
Default value not applicable, read-only, non-paged, not stored in NVM.
118
READ_DUTY_CYCLEn
0x94
Measured duty cycle of MTn.
Default value not applicable, read-only, paged, not stored in NVM.
118
READ_POUTn
0x96
Calculated output power.
Default value not applicable, read-only, paged, not stored in NVM.
118
PMBUS_REVISION
0x98
PMBus revision supported by this
device.
0x22 (Revision 1.2 of Part I and Revision 1.2 of Part II of PMBus
Specification documents), read-only, non-paged, not stored in NVM.
108
MFR_ID
0x99
Manufacturer identification, in
ASCII
“LTC”, read-only, non-paged.
108
MFR_MODEL
0x9A
Manufacturer’s part number, in
ASCII
“LTM4686 ”, read-only, non-paged. Note: The MFR_MODEL value is
“LTM4686 ”. The value consists of 8 ASCII characters and the last
character is a blank space punctuation character (“ ”), i.e., ASCII code
0x20 or 32d.
109
MFR_SERIAL
0x9E
Serial number of this specific unit. Up to nine bytes of custom-formatted data that identify the unit’s
configuration, read-only, non-paged.
109
MFR_VOUT_MAXn
0xA5
Maximum allowed output voltage. 0x5B34 (5.700V) on both channels. Read-only, paged, not stored in user-
editable NVM.
92
USER_DATA_00
0xB0
OEM reserved data.
Read/write, non-paged, stored in user-editable NVM. Recommended
against altering.
108
USER_DATA_01n
0xB1
OEM reserved data.
Read/write, paged, stored in user-editable NVM. Recommended against
altering.
108
USER_DATA_02
0xB2
OEM reserved data.
Read/write, non-paged, stored in user-editable NVM. Recommended
against altering.
108
USER_DATA_03n
0xB3
User-editable words available for
the user.
0x0000, read/write, paged, stored in user-editable NVM.
108
USER_DATA_04
0xB4
A user-editable word available for
the user.
0x0000, read/write, non-paged, stored in user-editable NVM.
108
MFR_INFO
0xB6
Manufacturing specific
information
Default value not applicable, read only, non-paged, not stored in NVM.
Bit 5 is 0b when ECC has made a correction to data derived from the
EEPROM user space.
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com