Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4675
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 12Page - Analog Devices LTM4675 Datasheet HTML 13Page - Analog Devices LTM4675 Datasheet HTML 14Page - Analog Devices LTM4675 Datasheet HTML 15Page - Analog Devices LTM4675 Datasheet HTML 16Page - Analog Devices LTM4675 Datasheet HTML 17Page - Analog Devices LTM4675 Datasheet HTML 18Page - Analog Devices LTM4675 Datasheet HTML 19Page - Analog Devices LTM4675 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 130 page
background image
LTM4686B
16
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
UV warning and fault thresholds are dictated at SVIN
power-up according to the LTM4686B’s NVM contents,
in precisely the same fashion that the VOUT0CFG and
VTRIM0CFG pins affect the respective settings of VOUT0/
Channel 0. (See VOUT0CFG, VTRIM0CFG and the Applications
Information section.) Minimize capacitance—especially
when the pin is left open—to assure accurate detection
of the pin state. Note that use of RCONFIGs* on VOUT1CFG/
VTRIM1CFG can affect the VOUT1 range setting (MFR_
PWM_MODE1[1]) and loop gain.
FSWPHCFG (H2): Switching Frequency, Channel Phase-
Interleaving Angle and Phase Relationship to SYNC
Configuration Pin. If this pin is left open—or, if the
LTM4686B is configured to ignore pin-strap (RCONFIG)
resistors, i.e., MFR_CONFIG_ALL[6] = 1b—then the
LTM4686B’s switching frequency (FREQUENCY_SWITCH)
and channel phase relationships (with respect to the
SYNC clock; MFR_PWM_CONFIG[2:0]) are dictated at
SVIN power-up according to the LTM4686B’s NVM con-
tents. Default factory values are: 1MHz operation; Channel
0 at 0°; and Channel 1 at 180° (convention throughout
this document: a phase angle of 0° means the chan-
nel’s switch node rises coincident with the falling edge
of the SYNC pulse). Connecting a resistor from this pin
to SGND (and using the factory-default NVM setting of
MFR_CONFIG_ALL[6] = 0b) allows a convenient way to
configure multiple LTM4686Bs with identical NVM con-
tents for different switching frequencies of operation and
phase interleaving angle settings of intra- and extra-mod-
ule-paralleled channels—all, without GUI intervention or
the need to “custom pre-program” module NVM contents.
(See the Applications Information section.) Minimize
capacitance—especially when the pin is left open—to
assure accurate detection of the pin state.
VTRIM0CFG (H3): Output Voltage Select Pin for VOUT0, Fine
Setting. Works in combination with VOUT0CFG to affect
the VOUT_COMMAND (and associated output volt-
age monitoring and protection/fault-detection thresh-
olds) of Channel 0, at SVIN power-up. (See VOUT0CFG
and the Applications Information section.) Minimize
capacitance—especially when the pin is left open—to
assure accurate detection of the pin state. Note that use
of RCONFIGs* on VOUT0CFG/VTRIM0CFG can affect the VOUT0
range setting (MFR_PWM_MODE0[1]) and loop gain.
VTRIM1CFG (H4): Output Voltage Select Pin for VOUT1, Fine
Setting. Works in combination with VOUT1CFG to affect
the VOUT_COMMAND (and associated output voltage
monitoring and protection/fault-detection thresholds)
of Channel 1, at SVIN power-up. (See VOUT1CFG and the
Applications Information section.) Minimize capaci-
tance—especially when the pin is left open—to assure
accurate detection of the pin state. Note that use of
RCONFIGs* on VOUT1CFG/VTRIM1CFG can affect the VOUT1
range setting (MFR_PWM_MODE1[1]) and loop gain.
SHARE_CLK (H5): Share Clock, Bidirectional Open-Drain
Clock Sharing Pin. Nominally 100kHz. Used for synchro-
nizing the time base between multiple LTM4686Bs (and
any other Analog Devices, Inc. devices with a SHARE_CLK
pin)—to realize well-defined rail sequencing and rail track-
ing. Tie the SHARE_CLK pins of all such devices together;
all devices with a SHARE_CLK pin will synchronize to the
fastest clock. A pull-up resistor to 3.3V is required when
synchronizing the time base between multiple devices. If
synchronizing the time base between multiple devices is
not needed and MFR_CHAN_CONFIGn[2] = 0b, only then
is a pull-up resistor not required.
VOSNS1 (H7): Channel 1 Positive Voltage Sense Input.
Connect VOSNS1 to VOUT1 at the POL. This provides the
feedback signal for Channel 1’s control loop and voltage
supervisor circuits. VOUT1 can regulate up to 3.6V output.
Command VOUT1’s target regulation voltage by serial bus.
Its initial command value at SVIN power-up is dictated
by NVM (nonvolatile memory) contents (factory default:
1.200V)—or, optionally, may be set by configuration
resistors; see VOUT1CFG, VTRIM1CFG and the Applications
Information section.
VOUT1 (J1, K1, L1, M1): Channel 1 Output Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com