Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM4675
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 13Page - Analog Devices LTM4675 Datasheet HTML 14Page - Analog Devices LTM4675 Datasheet HTML 15Page - Analog Devices LTM4675 Datasheet HTML 16Page - Analog Devices LTM4675 Datasheet HTML 17Page - Analog Devices LTM4675 Datasheet HTML 18Page - Analog Devices LTM4675 Datasheet HTML 19Page - Analog Devices LTM4675 Datasheet HTML 20Page - Analog Devices LTM4675 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 130 page
background image
LTM4686B
17
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
TSNS1a, TSNS1b (J3 and K3, Respectively): Channel 1
Temperature Excitation/Measurement and Thermal
Sensor Pins, Respectively. In most applications, con-
nect TSNS1a to TSNS1b. This allows the LTM4686B to
monitor the Power Stage Temperature of Channel 1. See
the Applications Information section for information on
how to use TSNS1a to monitor a temperature sensor
external to the module, e.g., a PN junction on the die of
a microprocessor.
VDD25 (J4): Internally Generated 2.5V Power Supply Output
Pin. Do not load this pin with external current; it is used
strictly to bias internal logic and provides current for the
internal pull-up resistors connected to the configuration-
programming pins. No external decoupling is required.
VDD33 (J5): Internally Generated 3.3V Power Supply
Output Pin. This pin should only be used to provide exter-
nal current for the pull-up resistors required for GPIOn,
SHARE_CLK, and SYNC, and may be used to provide
external current for pull-up resistors on RUNn, SDA, SCL
and ALERT. No external decoupling is required.
VORB1 (J7): Channel 1 Positive Readback Pin. Shorted to
VOSNS1 internal to the LTM4686B. At one’s option, place
a test point on this node and measure its impedance to
VOUT1 on one’s hardware (e.g., motherboard, during ICT
post-assembly process) to provide a means of verifying
the integrity of the feedback signal connection between
VOUT1 and VOSNS1.
VIN1 (J9, K9, L9, M9): Positive Power Input to Channel 1
Switching Stage. Provide sufficient decoupling capaci-
tance in the form of MLCCs and low ESR electrolytic (or
equivalent) to handle reflected input current ripple from the
step-down switching stage. MLCCs should be placed as
close to the LTM4686B as physically possible. See Layout
Recommendations in the Applications Information section.
WP (K4): Write Protect Pin, Active High. An inter-
nal 10μA current source pulls this pin to VDD33. If WP
is open circuit or logic high, only I2C writes to PAGE,
OPERATION, CLEAR_FAULTS, MFR_CLEAR_PEAKS and
MFR_EE_UNLOCK are supported. Additionally, individual
faults can be cleared by writing 1b’s to bits of interest in
registers prefixed with “STATUS”. If WP is low, I2C writes
are unrestricted.
SW1 (L8): Switching Node of Channel 1 Step-Down
Converter Stage. Used for test purposes or EMI-snubbing.
May be routed a short distance to a local test point to moni-
tor switching action of Channel 1, if desired, but do not
route near any sensitive signals; otherwise, leave open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com