Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM4675
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 4Page - Analog Devices LTM4675 Datasheet HTML 5Page - Analog Devices LTM4675 Datasheet HTML 6Page - Analog Devices LTM4675 Datasheet HTML 7Page - Analog Devices LTM4675 Datasheet HTML 8Page - Analog Devices LTM4675 Datasheet HTML 9Page - Analog Devices LTM4675 Datasheet HTML 10Page - Analog Devices LTM4675 Datasheet HTML 11Page - Analog Devices LTM4675 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 130 page
background image
LTM4686B
8
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 4). TA = 25°C, VIN = 5V, RUNn = 5V,
FREQUENCY_SWITCH = 1MHz, VOUT_COMMANDn = 1V and VOUT_UV_FAULT_RESPONSEn = TON_MAX_FAULT_RESPONSEn = 0x00
unless otherwise noted. All other command codes configured per factory-default EEPROM settings unless otherwise noted. Tested per
Circuit 1, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Temperature Readback for Channel 0, Channel 1, and Controller (Respectively: READ_TEMPERATURE_10, READ_TEMPERATURE_11,
and READ_TEMPERATURE_2)
TRES–RB
Temperature Readback
Resolution
Channel 0, Channel 1, and Controller (Note 15)
0.0625
°C
TRB–CH–ACC(72mV) Channel Temperature
TUE, Switching Action
Off
Channels 0 and 1, PWM Inactive, RUNn = 0V,
∆VTSNSna = 72mV
l
Within ±3°C of Reading
TRB–CH–ACC(ON) Channel Temperature
TUE, Switching Action
On
READ_TEMPERATURE_1n, Channels 0 and 1,
PWM Active, RUNn = 5V (Note 12)
Within ±3°C of Reading
TRB–CTRL–ACC(ON) Control IC Die
Temperature TUE,
Switching Action On
READ_TEMPERATURE_2, PWM Active, RUN0 = RUN1 = 5V
(Note 12)
Within ±1°C of Reading, Typ
tCONVERT–TEMP–RB Temperature Readback
Update Rate
MFR_ADC_CONTROL = 0x00 (Notes 9, 15)
MFR_ADC_CONTROL = 0x06 or 0x0A (Notes 9, 15)
90
8
ms
ms
VDD33 Regulator
VVDD33
Internal VDD33 Voltage
3.2
3.3
3.4
V
ILIM(VDD33)
VDD33 Current Limit
VDD33 Electrically Short-Circuited to GND
70
mA
VVDD33_OV
VDD33 Overvoltage
Threshold
(Note 15)
3.5
V
VVDD33_UV
VDD33 Undervoltage
Threshold
(Note 15)
3.1
V
VDD25 Regulator
VVDD25
Internal VDD25 Voltage
2.5
V
ILIM(VDD25)
VDD25 Current Limit
VDD25 Electrically Short-Circuited to GND
50
mA
Oscillator and Phase-Locked Loop (PLL)
fOSC
Oscillator Frequency
Accuracy
FREQUENCY_SWITCH = 1MHz (0x03E8)
500kHz ≤ FREQUENCY_SWITCH ≤ 1MHz (Note 15)
l
±5
±5
%
%
fSYNC
PLL SYNC Capture
Range
(Note 16)
l
450
1050
kHz
VTH,SYNC
SYNC Input Threshold VSYNC Rising (Note 15)
VSYNC Falling (Note 15)
1.5
1
V
V
VOL,SYNC
SYNC Low Output
Voltage
ISYNC = 3mA
l
0.3
0.4
V
ISYNC
SYNC Leakage Current
in Frequency Slave
Mode
0V ≤ VSYNC ≤ 3.6V
MFR_CONFIG_ALL[4] = 1b
l
±5
µA
θSYNC–θ0
SYNC-to-Channel 0
Phase Relationship,
Lag from Falling Edge
of Sync to Rising Edge
of Top MOSFET (MT0)
Gate
(Note 15)
MFR_PWM_CONFIG[2:0] = 000b, 01Xb
MFR_PWM_CONFIG[2:0] = 101b
MFR_PWM_CONFIG[2:0] = 001b
MFR_PWM_CONFIG[2:0] = 1X0b
0
60
90
120
Deg
Deg
Deg
Deg
θSYNC–θ1
SYNC-to-Channel 1
Phase Relationship,
Lag from Falling Edge
of Sync to Rising Edge
of Top MOSFET (MT1)
Gate
(Note 15)
MFR_PWM_CONFIG[2:0] = 011b
MFR_PWM_CONFIG[2:0] = 000b
MFR_PWM_CONFIG[2:0] = 010b, 10Xb
MFR_PWM_CONFIG[2:0] = 001b
MFR_PWM_CONFIG[2:0] = 110b
120
180
240
270
300
Deg
Deg
Deg
Deg
Deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com