Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 80 Page - Analog Devices

Part # LTM4675
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 80 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 76Page - Analog Devices LTM4675 Datasheet HTML 77Page - Analog Devices LTM4675 Datasheet HTML 78Page - Analog Devices LTM4675 Datasheet HTML 79Page - Analog Devices LTM4675 Datasheet HTML 80Page - Analog Devices LTM4675 Datasheet HTML 81Page - Analog Devices LTM4675 Datasheet HTML 82Page - Analog Devices LTM4675 Datasheet HTML 83Page - Analog Devices LTM4675 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 130 page
background image
LTM4686B
80
Rev. 0
For more information www.analog.com
APPENDIX B
SLAVE ADDRESS
COMMAND CODE
DATA BYTE LOW
Wr A
A
A P
4686B F44
S
7
8
8
1
DATA BYTE HIGH
8
1 1
1
1 1
1
A
SLAVE ADDRESS
COMMAND CODE
DATA BYTE LOW
Wr A
A
A P
4686B F45
S
7
8
8
1
DATA BYTE HIGH
8
PEC
8
1
1 1
1
1 1
1
A
A
SLAVE ADDRESS
COMMAND CODE
SLAVE ADDRESS
Wr A
A Sr
P
4686B F46
S
7
8
7
1
1
DATA BYTE
8
1
1 1
1
1
1
1
A
Rd
NA
SLAVE ADDRESS
COMMAND CODE
SLAVE ADDRESS
Wr A
A Sr
P
4686B F47
S
7
8
7
1
1
DATA BYTE
8
8
1
1 1
1
1
1
1
A
Rd
A
1
A
PEC
SLAVE ADDRESS
COMMAND CODE
SLAVE ADDRESS
Wr A
A
NA P
4686B F48
S
7
8
7
1
DATA BYTE LOW
8
DATA BYTE HIGH
8
1
1 1
1
Sr
1
1 1
1
A
1
Rd
A
SLAVE ADDRESS
COMMAND CODE
SLAVE ADDRESS
Wr A
A
A
P
A
4686B F49
S
7
8
7
1
DATA BYTE LOW
8
DATA BYTE HIGH
PEC
8
8
1
1 1
1
1
1
1
1
Sr
1
A
1
Rd
A
SLAVE ADDRESS
COMMAND CODE
SLAVE ADDRESS
Wr A
A Sr
S
7
8
7
1
1
BYTE COUNT = N
8
1
1 1
1
1
1
A
Rd
A
…
A
P
NA
4686B F50
DATA BYTE 1
8
DATA BYTE 2
DATA BYTE N
8
8
1
1
1
1
A
…
SLAVE ADDRESS
COMMAND CODE
SLAVE ADDRESS
Wr A
A Sr
S
7
8
7
1
1
BYTE COUNT = N
8
1
1 1
1
1
1
A
Rd
A
…
…
A
DATA BYTE 1
8
DATA BYTE 2
8
1
1
A
A
P
NA
4686B F51
DATA BYTE N
PEC
8
8
1
1
1
Figure 44. Write Word Protocol
Figure 45. Write Word Protocol with PEC
Figure 46. Read Byte Protocol
Figure 47. Read Byte Protocol with PEC
Figure 48. Read Word Protocol
Figure 49. Read Word Protocol with PEC
Figure 50. Block Read Protocol
Figure 51. Block Read Protocol with PEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com