Electronic Components Datasheet Search
  English  ▼

X  

ISO7041 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7041
Description  ISO7041-Q1 Automotive, Ultra-Low Power Four-Channel Digital Isolator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ISO7041 Datasheet HTML 26Page - Texas Instruments ISO7041 Datasheet HTML 27Page - Texas Instruments ISO7041 Datasheet HTML 28Page - Texas Instruments ISO7041 Datasheet HTML 29Page - Texas Instruments ISO7041 Datasheet HTML 30Page - Texas Instruments ISO7041 Datasheet HTML 31Page - Texas Instruments ISO7041 Datasheet HTML 32Page - Texas Instruments ISO7041 Datasheet HTML 33Page - Texas Instruments ISO7041 Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
.002 MAX
[0.05]
ALL AROUND
.002 MIN
[0.05]
ALL AROUND
(.213)
[5.4]
14X (.0250 )
[0.635]
16X (.063)
[1.6]
16X (.016 )
[0.41]
SSOP - 1.75 mm max height
DBQ0016A
SHRINK SMALL-OUTLINE PACKAGE
4214846/A 03/2014
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
OPENING
SOLDER MASK
METAL
SOLDER MASK
DEFINED
LAND PATTERN EXAMPLE
SCALE:8X
SYMM
1
8
9
16
SEE
DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com