Electronic Components Datasheet Search
  English  ▼

X  

ISO7041 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7041
Description  ISO7041-Q1 Automotive, Ultra-Low Power Four-Channel Digital Isolator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISO7041 Datasheet HTML 13Page - Texas Instruments ISO7041 Datasheet HTML 14Page - Texas Instruments ISO7041 Datasheet HTML 15Page - Texas Instruments ISO7041 Datasheet HTML 16Page - Texas Instruments ISO7041 Datasheet HTML 17Page - Texas Instruments ISO7041 Datasheet HTML 18Page - Texas Instruments ISO7041 Datasheet HTML 19Page - Texas Instruments ISO7041 Datasheet HTML 20Page - Texas Instruments ISO7041 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
8.4 Device Functional Modes
Table 8-1 shows the functional modes for the device.
Table 8-1. Function Table
VCCI (1)
VCCO
INPUT
(INx)
REFRESH
ENABLE
(ENx)
OUTPUT
(OUTx)
COMMENTS
PU
PU
H
L
H
Normal Operation:
A channel output assumes the logic state of its input.
L
L
L
X
H
Undetermined
The device needs an input signal transition to validate the output
tracks the input state. Without a signal edge transition, the output will
be in an undetermined state.
PD
PU
X
L
Default
When VCCI is unpowered, a channel output assumes the logic state
based on the selected default option. Default is High for the device
without the F suffix and Low for device with the F suffix.
When VCCI transitions from unpowered to powered-up, a channel
output assumes the logic state of the input.
When VCCI transitions from powered-up to unpowered, channel
output assumes the selected default state.
H
Undetermined
When VCCI is unpowered, a channel output assumes the logic state
based on the previous state of the output before VCCI powered down.
X
PD
X
L
Undetermined
When VCCO is unpowered, a channel output is undetermined.(2)
When VCCO transitions from unpowered to powered-up, a channel
output assumes the logic state of the input.
H
Undetermined
When VCCO is unpowered, a channel output is undetermined.(2)
When VCCO transitions from unpowered to powered-up, a channel
output assumes the selected default option.
X
X
X
Open
Undetermined
When ENx is unconnected or open, the device output will be in an
undetermined and unknown state. ENx must be connected high or
low for the device to behave correctly.
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC; PU = Powered up (VCC ≥ 1.54 V); PD = Powered down (VCC ≤ 1.54); X = Irrelevant; H
= High level; L = Low level ; Z = High Impedance.
(2)
A strongly driven input signal can weakly power the floating VCC through an internal protection diode and cause undetermined output.
www.ti.com
ISO7041-Q1
SLLSFN3 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: ISO7041-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com