Electronic Components Datasheet Search
  English  ▼

X  

ISO7041 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7041
Description  ISO7041-Q1 Automotive, Ultra-Low Power Four-Channel Digital Isolator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7041 Datasheet HTML 2Page - Texas Instruments ISO7041 Datasheet HTML 3Page - Texas Instruments ISO7041 Datasheet HTML 4Page - Texas Instruments ISO7041 Datasheet HTML 5Page - Texas Instruments ISO7041 Datasheet HTML 6Page - Texas Instruments ISO7041 Datasheet HTML 7Page - Texas Instruments ISO7041 Datasheet HTML 8Page - Texas Instruments ISO7041 Datasheet HTML 9Page - Texas Instruments ISO7041 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
ISO7041-Q1
UNIT
DBQ (SOIC)
16 PINS
RθJA
Junction-to-ambient thermal resistance
87.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
33.3
°C/W
RθJB
Junction-to-board thermal resistance
49.1
°C/W
ψJT
Junction-to-top characterization parameter
8.4
°C/W
ψJB
Junction-to-board characterization parameter
48.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15
pF, Input a 1-MHz 50% duty cycle square
wave
7.82
mW
PD1
Maximum power dissipation (side-1)
4.46
mW
PD2
Maximum power dissipation (side-2)
3.36
mW
ISO7041-Q1
SLLSFN3 – JUNE 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISO7041-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com