Electronic Components Datasheet Search
  English  ▼

X  

ISO7041 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7041
Description  ISO7041-Q1 Automotive, Ultra-Low Power Four-Channel Digital Isolator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041 Datasheet(HTML) 1 Page - Texas Instruments

  ISO7041 Datasheet HTML 1Page - Texas Instruments ISO7041 Datasheet HTML 2Page - Texas Instruments ISO7041 Datasheet HTML 3Page - Texas Instruments ISO7041 Datasheet HTML 4Page - Texas Instruments ISO7041 Datasheet HTML 5Page - Texas Instruments ISO7041 Datasheet HTML 6Page - Texas Instruments ISO7041 Datasheet HTML 7Page - Texas Instruments ISO7041 Datasheet HTML 8Page - Texas Instruments ISO7041 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
ISO7041-Q1 Automotive, Ultra-Low Power Four-Channel Digital Isolator
1 Features
• AEC-Q100 qualified with the following results:
– Device temperature Grade 1: –40°C to +125°C
ambient operating temperature range
• Functional Safety-Capable
– Documentation available to aid functional safety
system design: ISO7041-Q1
• Meets VDA320 isolation requirements
• Ultra-low power consumption
– 3.5 μA per channel quiescent current (3.3 V)
– 15 μA per channel at 100 kbps (3.3 V)
– 116 μA per channel at 1 Mbps (3.3 V)
• Robust isolation barrier
– >100-year projected lifetime
– 3000 VRMS isolation rating
– ±100 kV/μs typical CMTI
• Wide supply range: 3.0 V to 5.5 V
• Wide temperature range: –40°C to +125°C
• Small 16-QSOP package (16-DBQ)
• Signaling rate: Up to 4 Mbps
• Default output High (ISO7041-Q1) and Low
(ISO7041F-Q1) options
• Robust electromagnetic compatibility (EMC)
– System-level ESD, EFT, and surge immunity
– ±8 kV IEC 61000-4-2 contact discharge
protection across isolation barrier
– Very low emissions
• Safety-related certifications (planned):
– DIN V VDE 0884-11:2017-01
– UL 1577 Component Recognition Program
– IEC 60950-1, IEC 62368-1, IEC 61010-1,
IEC60601-1 and GB 4943.1-2011 certifications
2 Applications
• Hybrid, electric and powertrain system (EV/HEV)
– Battery management system (BMS)
– On-board charger
– Traction inverter
– DC/DC converter
– Inverter and motor control
3 Description
The ISO7041-Q1 device is an ultra-low power,
multichannel digital isolator that can be used to
isolate CMOS or LVCMOS digital I/Os. Each isolation
channel has a logic input and output buffer separated
by a double capacitive silicon dioxide (SiO2) insulation
barrier. Innovative edge based architecture combined
with an ON-OFF keying modulation scheme allows
these isolators to consume very-low power while
meeting 3000-VRMS isolation rating per UL1577. The
per channel dynamic current consumption of the
device is under 120 μA/Mbps and the per channel
static current consumption is 3.5 μA at 3.3 V, allowing
for use of the ISO7041-Q1 in both power and thermal
constrained system designs.
The device can operate as low as 3.0 V, as high
as 5.5 V, and is fully functional with different supply
voltages on each side of isolation barrier. The four
channel isolator comes in a 16-QSOP package with
three forward-direction channels and one reverse-
direction channel. The device has default output high
and low options. If the input power or signal is lost,
default output is high for the ISO7041-Q1 device
without the suffix F and low for the ISO7041F-Q1
device with the F suffix. See the Device Functional
Modes section for more information.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
ISO7041-Q1
QSOP (16)
4.90 mm × 3.90 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
BQ75614-Q1
MCU
PMIC
IN
VCC
CVDD
BAT
OUT
12 V
UART
ISO7041-Q1
VCC1
VCC2
FUSE
Relay
GPIOx
Rs
Current sense
Fuse/relay sense
GND1
GND2
Battery
Simplified Application Schematic
ISO7041-Q1
SLLSFN3 – JUNE 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO7041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7041 TI1-ISO7041 Datasheet
490Kb / 25P
Ultra-Low Power Four-Channel Digital Isolator
ISO7041DBQ TI1-ISO7041DBQ Datasheet
490Kb / 25P
Ultra-Low Power Four-Channel Digital Isolator
ISO7041DBQR TI1-ISO7041DBQR Datasheet
490Kb / 25P
Ultra-Low Power Four-Channel Digital Isolator
ISO7041F TI-ISO7041F Datasheet
3Mb / 88P
AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
DECEMBER 2022
ISO7041FDBQ TI1-ISO7041FDBQ Datasheet
490Kb / 25P
Ultra-Low Power Four-Channel Digital Isolator
More results

Similar Description - ISO7041

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8450 ETC2-SI8450 Datasheet
462Kb / 36P
LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
TAS5414C-Q1 TI-TAS5414C-Q1_15 Datasheet
1Mb / 51P
TAS54x4C-Q1 Four-Channel Automotive Digital Amplifiers
TAS5424C-Q1 TI-TAS5424C-Q1_15 Datasheet
1Mb / 51P
TAS54x4C-Q1 Four-Channel Automotive Digital Amplifiers
ISO7310-Q1 TI-ISO7310-Q1 Datasheet
515Kb / 25P
ISO7310-Q1 Robust EMC, Low Power, Single Channel Digital Isolator
ISO7041 TI1-ISO7041 Datasheet
490Kb / 25P
Ultra-Low Power Four-Channel Digital Isolator
ISO7021 TI1-ISO7021 Datasheet
2Mb / 30P
ISO7021 Ultra-Low Power Two-Channel Digital Isolator
ISO7021 TI1-ISO7021_V01 Datasheet
2Mb / 30P
ISO7021 Ultra-Low Power Two-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
Low Power Six-Channel Digital Isolator
July 26, 2022
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com