Electronic Components Datasheet Search
  English  ▼

X  

ISO7041 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7041
Description  ISO7041-Q1 Automotive, Ultra-Low Power Four-Channel Digital Isolator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041 Datasheet(HTML) 4 Page - Texas Instruments

  ISO7041 Datasheet HTML 1Page - Texas Instruments ISO7041 Datasheet HTML 2Page - Texas Instruments ISO7041 Datasheet HTML 3Page - Texas Instruments ISO7041 Datasheet HTML 4Page - Texas Instruments ISO7041 Datasheet HTML 5Page - Texas Instruments ISO7041 Datasheet HTML 6Page - Texas Instruments ISO7041 Datasheet HTML 7Page - Texas Instruments ISO7041 Datasheet HTML 8Page - Texas Instruments ISO7041 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1) (2) (3)
MIN
MAX
UNIT
Supply Voltage
VCC1 to GND1
-0.5
6
V
VCC2 to GND2
-0.5
6
Input/Output
Voltage
INx to GNDx
-0.5
VCCX + 0.5
V
OUTx to GNDx
-0.5
VCCX + 0.5
ENx to GNDx
-0.5
VCCX + 0.5
Input Current
Input Channels, Ii
-15
15
mA
Output Current
Io
-15
15
mA
Temperature
Operating junction temperature, TJ
150
°C
Storage temperature, Tstg
-65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak
voltage values
(3)
Maximum voltage must not exceed 6 V.
6.2 ESD Ratings
(1) (2)
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/
ESDA/JEDEC JS-001, all pins(1)
±5000
V
Charged device model (CDM), per
JEDEC specification JESD22-C101, all
pins(2)
±1500
Contact discharge per IEC 61000-4-2;
Isolation barrier withstand test(3) (4)
±8000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
(3)
IEC ESD strike is applied across the barrier with all pins on each side tied together creating a two-terminal device.
(4)
Testing is carried out in air or oil to determine the intrinsic contact discharge capability of the device.
ISO7041-Q1
SLLSFN3 – JUNE 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISO7041-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com