Electronic Components Datasheet Search
  English  ▼

X  

ISO7041 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7041
Description  ISO7041-Q1 Automotive, Ultra-Low Power Four-Channel Digital Isolator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO7041 Datasheet HTML 18Page - Texas Instruments ISO7041 Datasheet HTML 19Page - Texas Instruments ISO7041 Datasheet HTML 20Page - Texas Instruments ISO7041 Datasheet HTML 21Page - Texas Instruments ISO7041 Datasheet HTML 22Page - Texas Instruments ISO7041 Datasheet HTML 23Page - Texas Instruments ISO7041 Datasheet HTML 24Page - Texas Instruments ISO7041 Datasheet HTML 25Page - Texas Instruments ISO7041 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
9.2.1 Design Requirements
To design with these devices, use the parameters listed in Table 9-1.
Table 9-1. Design Parameters
PARAMETER
VALUE
Supply voltage, VCC1 and VCC2
3.0 V to 5.5 V
Decoupling capacitor between VCC1 and GND1
0.1 µF
Decoupling capacitor from VCC2 and GND2
0.1 µF
9.2.2 Detailed Design Procedure
Unlike optocouplers, which require external components to improve performance, provide bias, or limit current,
the device only require two external bypass capacitors to operate.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INA
INB
INC
OUTD
OUTA
OUTB
OUTC
IND
GND2
VCC2
2 mm maximu m
from VCC2
GND2
GND2
GND1
GND1
2 mm maximu m
from VCC1
GND1
VCC1
0.1 µF
0.1 µF
0.1 µF
0.1 µF
Figure 9-4. Typical ISO7041-Q1 Circuit Hook-up
ISO7041-Q1
SLLSFN3 – JUNE 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISO7041-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com