Electronic Components Datasheet Search
  English  ▼

X  

ISO7041 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7041
Description  ISO7041-Q1 Automotive, Ultra-Low Power Four-Channel Digital Isolator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041 Datasheet(HTML) 3 Page - Texas Instruments

  ISO7041 Datasheet HTML 1Page - Texas Instruments ISO7041 Datasheet HTML 2Page - Texas Instruments ISO7041 Datasheet HTML 3Page - Texas Instruments ISO7041 Datasheet HTML 4Page - Texas Instruments ISO7041 Datasheet HTML 5Page - Texas Instruments ISO7041 Datasheet HTML 6Page - Texas Instruments ISO7041 Datasheet HTML 7Page - Texas Instruments ISO7041 Datasheet HTML 8Page - Texas Instruments ISO7041 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Device Comparison Table
Table 5-1. Device Features
PART NUMBER
CHANNEL DIRECTION
MAXIMUM DATA
RATE
DEFAULT
OUTPUT
PACKAGE
RATED ISOLATION
ISO7041-Q1
3 Forward,
1 Reverse
4 Mbps
High
DBQ-16
3000 VRMS / 4242 VPK
ISO7041-Q1 with F
suffix
3 Forward,
1 Reverse
4 Mbps
Low
DBQ-16
3000 VRMS / 4242 VPK
5 Pin Configuration and Functions
1
VCC1
16
VCC2
2
GND1
15
GND2
3
INA
14
OUTA
4
INB
13
OUTB
5
INC
12
OUTC
6
OUTD
11
IND
7
GND1
10
GND2
8
GND1
9
GND2
Not to scale
Figure 5-1. ISO7041-Q1 DBQ Package 16-Pin QSOP Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
GND1
2
—
Ground connection for VCC1
7
8
GND2
9
—
Ground connection for VCC2
10
15
INA
3
I
Input, channel A. 300-Ω series resistor recommended
INB
4
I
Input, channel B. 300-Ω series resistor recommended
INC
5
I
Input, channel C. 300-Ω series resistor recommended
IND
11
I
Input, channel D. 300-Ω series resistor recommended
OUTA
14
O
Output, channel A. 300-Ω series resistor recommended
OUTB
13
O
Output, channel B. 300-Ω series resistor recommended
OUTC
12
O
Output, channel C. 300-Ω series resistor recommended
OUTD
6
O
Output, channel D. 300-Ω series resistor recommended
VCC1
1
—
Power supply, side 1
VCC2
16
—
Power supply, side 2
www.ti.com
ISO7041-Q1
SLLSFN3 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ISO7041-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com