Electronic Components Datasheet Search
  English  ▼

X  

ISO7041 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7041
Description  ISO7041-Q1 Automotive, Ultra-Low Power Four-Channel Digital Isolator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7041 Datasheet HTML 4Page - Texas Instruments ISO7041 Datasheet HTML 5Page - Texas Instruments ISO7041 Datasheet HTML 6Page - Texas Instruments ISO7041 Datasheet HTML 7Page - Texas Instruments ISO7041 Datasheet HTML 8Page - Texas Instruments ISO7041 Datasheet HTML 9Page - Texas Instruments ISO7041 Datasheet HTML 10Page - Texas Instruments ISO7041 Datasheet HTML 11Page - Texas Instruments ISO7041 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
6.6 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Certified according to DIN
VDE V 0884-11:2017- 01
Certified according to IEC
60950-1 and IEC 62368-1
Certified according to
UL 1577 Component
Recognition Program
Certified according to
GB4943.1-2011
Certified according
to EN 61010-1:2010/
A1:2019, EN 60950-
1:2006/A2:2013 and EN
62368-1:2014
Maximum transient
isolation voltage,
4242 VPK;
Maximum repetitive peak
isolation voltage, 566 VPK;
Maximum surge isolation
voltage,
4000 VPK
3000 VRMS insulation per
CSA 60950-1-07+A1+A2,
IEC 60950-1 2nd
Ed.+A1+A2, CSA
62368-1- 14 and IEC
62368-1:2014 370 VRMS
(DBQ-16) maximum
working voltage (pollution
degree 2, material group I)
Single protection,
3000 VRMS
Basic insulation, Altitude ≤
5000 m, Tropical Climate,
400 VRMS maximum
working voltage
EN 61010- 1:2010/
A1:2019, 300 VRMS basic
isolation
EN 60950- 1:2006/
A2:2013 and EN
62368-1:2014, 400 VRMS
basic isolation
Certification Planned
Certification Planned
Certification Planned
Certification Planned
Certification Planned
6.7 Safety Limiting Values
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
16-QSOP PACKAGE
IS
Safety input, output, or supply current
RθJA = 87°C/W, VI = 5.5 V, TJ = 150°C, TA
= 25°C
261
mA
RθJA = 87°C/W, VI = 3.6 V, TJ = 150°C, TA
= 25°C
399
mA
PS
Safety input, output, or total power
RθJA = 87°C/W, TJ = 150°C, TA = 25°C
1435
mW
TS
Maximum safety temperature
150
°C
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The
IS and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the table is that of a device installed on a high-K test board for leaded surface-mount
packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
ISO7041-Q1
SLLSFN3 – JUNE 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISO7041-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com