Electronic Components Datasheet Search
  English  ▼

X  

ISO7041 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7041
Description  ISO7041-Q1 Automotive, Ultra-Low Power Four-Channel Digital Isolator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7041 Datasheet HTML 5Page - Texas Instruments ISO7041 Datasheet HTML 6Page - Texas Instruments ISO7041 Datasheet HTML 7Page - Texas Instruments ISO7041 Datasheet HTML 8Page - Texas Instruments ISO7041 Datasheet HTML 9Page - Texas Instruments ISO7041 Datasheet HTML 10Page - Texas Instruments ISO7041 Datasheet HTML 11Page - Texas Instruments ISO7041 Datasheet HTML 12Page - Texas Instruments ISO7041 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
6.8 Electrical Characteristics 5V Supply
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VIT+(IN)
Rising input switching threshold
0.7 x VCCI (1)
V
VIT-(IN)
Falling input switching threshold
0.3 x VCCI
V
VOH
High-level output voltage
IOH = -4 mA
VCCO - 0.4
V
VOL
Low-level output voltage
IOL = 4 mA
0.4
V
VI(HYS)
Input threshold voltage
hysteresis
0.1 x VCCI
V
IIH
High-level input current
VIH = VCCI (1) at INx
1
µA
IIL
Low-level input current
VIL = 0 V at INx
-1
µA
CMTI
Common mode transient
immunity
VI = VCC or 0 V, VCM = 1200 V
50
100
kV/us
Ci
Input Capacitance (2)
VI = VCC/ 2 + 0.4×sin(2πft), f = 1
MHz, VCC = 5 V
2
pF
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC
(2)
Measured from input pin to same side ground.
6.9 Supply Current Characteristics 5V Supply
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY CURRENT
MIN
TYP
MAX
UNIT
ISO7041-Q1
Supply current - DC
signal
Refresh disable
ICC1
6.2
14.3
µA
ICC2
10.1
18.5
µA
Refresh enable
VI = VCCI (1) (ISO7041-Q1);
VI = 0 V (ISO7041-Q1 with F suffix)
ICC1
8.2
16.7
µA
ICC2
10.8
18.5
µA
Refresh enable
VI = 0 V (ISO7041-Q1);
VI = VCCI (ISO7041-Q1 with F suffix)
ICC1
9.5
19.9
µA
ICC2
11.3
19.5
µA
Supply current - AC
signal
Refresh disable
10 kbps, No Load
ICC1
6.7
19.7
µA
ICC2
11.8
20.6
µA
Refresh disable
100 kbps, No Load
ICC1
37.1
57.4
µA
ICC2
25.8
37.7
µA
Refresh disable
1 Mbps, No Load
ICC1
340.5
436.1
µA
ICC2
167.0
211.1
µA
Refresh enable
10 kbps, No Load
ICC1
10.6
20.8
µA
ICC2
11.9
20.4
µA
Refresh enable
100 kbps, No Load
ICC1
37.1
57.4
µA
ICC2
25.8
37.7
µA
Refresh enable
1 Mbps, No Load
ICC1
338.3
436.1
µA
ICC2
166.0
211.1
µA
Total Supply Current
Per Channel,
Refresh Disabled
DC Signal
ICC1(ch) + ICC2(ch)
4.1
7.4
µA
10 kbps, No Load
ICC1(ch) + ICC2(ch)
5.9
10.7
µA
100 kbps, No Load
ICC1(ch) + ICC2(ch)
17.4
23.4
µA
1 Mbps, No Load
ICC1(ch) + ICC2(ch)
137.0
164.5
µA
www.ti.com
ISO7041-Q1
SLLSFN3 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ISO7041-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com