Electronic Components Datasheet Search
  English  ▼

X  

ISO7041 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7041
Description  ISO7041-Q1 Automotive, Ultra-Low Power Four-Channel Digital Isolator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7041 Datasheet HTML 8Page - Texas Instruments ISO7041 Datasheet HTML 9Page - Texas Instruments ISO7041 Datasheet HTML 10Page - Texas Instruments ISO7041 Datasheet HTML 11Page - Texas Instruments ISO7041 Datasheet HTML 12Page - Texas Instruments ISO7041 Datasheet HTML 13Page - Texas Instruments ISO7041 Datasheet HTML 14Page - Texas Instruments ISO7041 Datasheet HTML 15Page - Texas Instruments ISO7041 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY CURRENT
MIN
TYP
MAX
UNIT
Total Supply Current
Per Channel,
Refresh Enabled
VI = VCCI (ISO7041-Q1);
VI = 0 V (ISO7041-Q1 with F suffix)
ICC1(ch) + ICC2(ch)
4.2
6.8
µA
VI = 0 V (ISO7041-Q1);
VI = VCCI (ISO7041-Q1 with F suffix)
ICC1(ch) + ICC2(ch)
4.6
7.7
µA
10 kbps, No Load
ICC1(ch) + ICC2(ch)
5.2
8.2
µA
100 kbps, No Load
ICC1(ch) + ICC2(ch)
14.8
19.2
µA
1 Mbps, No Load
ICC1(ch) + ICC2(ch)
115.7
138.7
µA
(1)
VCCI = Input-side VCC
6.12 Switching Characteristics
VCC1, VCC2 = 3.0 V to 5.5 V (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 7-1
148
165
ns
tP(dft)
Propagation delay drift
15
ps/
℃
tUI
Minimum pulse width
See Figure 7-1
250
ns
PWD
Pulse width distortion
10
ns
tsk(o)
Channel to channel output skew time
Same-direction channels
10
ns
Opposite-direction channels
10
ns
tsk(p-p)
Part to part skew time
70
ns
tr
Output signal rise time
See Figure 7-1
16
ns
tf
Output signal fall time
See Figure 7-1
16
ns
tDO
Default output delay time from input
power loss
See Figure 7-2
400
750
us
tPU
Time from UVLO to valid output data
1
5
ms
FR
Refresh rate
5
10
kbps
6.13 Insulation Characteristics Curves
Ambient Temperature (
C)
0
20
40
60
80
100
120
140
160
0
100
200
300
400
500
VCC = 3.6 V
VCC = 5.5 V
Figure 6-1. Thermal Derating Curve for Limiting
Current per VDE
Ambient Temperature (qC)
0
40
80
120
160
200
0
400
800
1200
1600
SLLS
Figure 6-2. Thermal Derating Curve for Limiting
Power per VDE
ISO7041-Q1
SLLSFN3 – JUNE 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISO7041-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com